Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 13Page - Omron Electronics LLC H3BA Datasheet HTML 14Page - Omron Electronics LLC H3BA Datasheet HTML 15Page - Omron Electronics LLC H3BA Datasheet HTML 16Page - Omron Electronics LLC H3BA Datasheet HTML 17Page - Omron Electronics LLC H3BA Datasheet HTML 18Page - Omron Electronics LLC H3BA Datasheet HTML 19Page - Omron Electronics LLC H3BA Datasheet HTML 20Page - Omron Electronics LLC H3BA Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Solid-state Timer
H3BA-N
17
Safety Precautions
Warning Indications
Meaning of Product Safety Symbols
■ Precautions for Safe Use
Please observe the following precautions for safe use of this product.
Environmental Precautions
Store the Timer within specified ratings. If the Timer has been stored
at -10°C or lower, let it stand for 3 hours or longer at room
temperature before turning ON the power supply.
Use the Timer within the specified ratings for operating temperature
and humidity.
Do not operate the Timer in locations subject to sudden or extreme
changes in temperature, or locations where high humidity may result
in condensation.
Do not use the Timer in locations subject to excessive dust, corrosive
gas, or direct sunlight.
Do not use the Timer in locations subject to vibration or shock.
Extended use in such locations may result in damage due to stress.
Install the Timer well away from any sources of static electricity, such
as pipes transporting molding materials, powders, or liquids.
Usage Precautions
Install a switch or circuit breaker that allows the operator to
immediately turn OFF the power, and label it to clearly indicate its
function.
Pay careful attention to polarity to prevent wrong connections when
wiring terminals.
Internal elements may be destroyed if a voltage outside the rated
voltage is applied.
Maintain voltage fluctuations in the power supply within the specified
range.
The Timer uses a transformerless power supply. Do not touch the
input terminals while the supply voltage is being applied, otherwise
an electric shock may occur.
CAUTION
Indicates a potentially hazardous
situation which, if not avoided, may
result in minor or moderate injury or in
property damage.
Precautions for
Safe Use
Supplementary comments on what to
do or avoid doing, to use the product
safely.
Precautions for
Correct Use
Supplementary comments on what to
do or avoid doing, to prevent failure to
operate, malfunction or undesirable
effect on product performance.
Used to warn of the risk of electric shock under
specific conditions.
Used to warn of the risk of minor injury caused by
high temperatures
Used for general mandatory action precautions
for which there is no specified symbol.
Use to indicate prohibition when there is a risk of
minor injury from electrical shock or other source
if the product is disassembled.
Minor electric shock may occasionally occur. Do not
disassemble the product or touch the interior of the Timer.
Minor burns may occasionally occur. Do not touch the
product while power is being supplied or immediately
after power is turned OFF.
Minor fires may occasionally occur. Tighten terminal
screws to a torque of 1.08 N·m so that they do not
become loose.
Minor electric shock may occasionally occur during
operation. Install the terminal cover.
Minor electric shock, fire, or malfunction may occasionally
occur.
Do not allow metal fragments, lead wire scraps, or chips
from processing during installation to fall inside the Timer.
CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com