Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 10Page - Omron Electronics LLC H3BA Datasheet HTML 11Page - Omron Electronics LLC H3BA Datasheet HTML 12Page - Omron Electronics LLC H3BA Datasheet HTML 13Page - Omron Electronics LLC H3BA Datasheet HTML 14Page - Omron Electronics LLC H3BA Datasheet HTML 15Page - Omron Electronics LLC H3BA Datasheet HTML 16Page - Omron Electronics LLC H3BA Datasheet HTML 17Page - Omron Electronics LLC H3BA Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Solid-state Timer
H3BA-N
End Plate
Spacer
Protective Cover
Y92A-48B
The protective cover protects the front panel, particularly the time
setting section, against dust, dirt, and water. It also prevents the set
value from being altered due to accidental contact with the time
setting knob.
Note:
1.
The Y92A-48B Protective Cover is made of a hard plastic
and therefore it must be removed to change the timer set
value.
2.
The Protective Cover cannot be mounted if the Panel Cov-
er (sold separately) is used on the Timer.
Y92A-48B
Time Setting Ring/Panel Cover
There are two types of Panel Covers (Y92P-48GL, Y92P-48GB), all
of which are available in two colors. Use the most suitable type of
Panel Cover with the design of the scaling plate according to the
application.
When setting a given time for the Timer, use of the Y92S-27 or
Y92S-28 Time Setting Ring facilitates the time setting operation and
minimizes possible setting errors by operators.
The Time Setting Ring and Panel Cover should be used as a pair.
Hold-down Clip
PFP-M
50
11.5
M4
× 8
pan head
screw
10
6.2
1.8
1
35.5 35.3
1.8
1.3
4.8
10
PFP-S
5
16
12
44.3
34.8
16.5
PW
UP
Setting a specific time
Time Setting Ring A (Y92S-27) and Panel
Cover (Y92P-48GL, -48GB)
Limiting the setting
range
Time Setting Ring B or C (Y92S-28), and
Panel Cover (Y92P-48GL, -48GB)
Y92S-27
Time Setting A
Y92S-28
Time Setting B
Y92P-48GL
Light Gray
Y92P-48GB
Black
Y92S-28
Time Setting C
Y92H-1
For PL08 Socket
Y92H-2
For PF085A Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com