Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 5 Page - Omron Electronics LLC

  H3BA Datasheet HTML 1Page - Omron Electronics LLC H3BA Datasheet HTML 2Page - Omron Electronics LLC H3BA Datasheet HTML 3Page - Omron Electronics LLC H3BA Datasheet HTML 4Page - Omron Electronics LLC H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Solid-state Timer
H3BA-N
5
Nomenclature
H3BA-N
H3BA-N8H
H3BA
UP
PW
MODE A
sec
0
1
2
3
0.5
2.5
1.5
Power Indicator (Green):
Lit when Timer operates.
Operating Mode Display Window
Operating Mode Selector:
Select a mode from
A, B, B2, C, D, E, G, and J.
Scale Range Display
Windows
Time Unit Selector
Select a unit from
sec, 10 s, min, 10 m, hrs,
and 10 h.
Time setting knob (set time)
Output Indicator (Orange):
Lit when Timer outputs.
Time Range Selector:
Select one from
1.2, 3, 12, and 30.
H3BA
UP
PW
MODE A
sec
0
1
2
3
0.5
2.5
1.5
Power Indicator (Green):
Lit when Timer operates.
Output Type Display Window
Output Type Selector:
Select a type from A
and H
A: Time-limit DPDT
(default setting)
H: Time-limit SPDT and
instantaneous SPDT
Scale Range Display
Windows
Time Unit Selector
Select a unit from sec,
10 s, min, 10 m, hrs,
and 10 h.
Time setting knob (set time)
Output Indicator (Orange):
Lit when Timer outputs.
Time Range Selector:
Select one from
1.2, 3, 12, and 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com