Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 4 Page - Omron Electronics LLC

  H3BA Datasheet HTML 1Page - Omron Electronics LLC H3BA Datasheet HTML 2Page - Omron Electronics LLC H3BA Datasheet HTML 3Page - Omron Electronics LLC H3BA Datasheet HTML 4Page - Omron Electronics LLC H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Solid-state Timer
H3BA-N
■ Ratings
Note: 1.
DC ripple rate: 20% max.
2.
Models other than 24-VDC H3BA-N models cause an inrush current. Pay careful attention when attempting to turn on power to such
models with non-contact output from a device such as a sensor.
3.
90% or higher if the Timer is used continuously at a high ambient temperature.
■ Characteristics
Note:
For setting the time-limit of the Timer to a cycle of less than 3 seconds or applying the forced reset, use the H3BA-N in mode D (signal OFF-
delay).
Item
H3BA-N
H3BA-N8H
Rated supply voltage
(See notes 1 and 2)
110 VAC (50/60 Hz), 220 VAC (50/60 Hz), 24 VDC
Operating voltage range
(See note 3)
85% to 110% of rated supply voltage
Power reset
Minimum power-opening time: 0.1 s
No-voltage input
ON impedance:
1 kΩ max.
ON residual voltage: 1 V max.
OFF impedance:
200 kΩ min.
Power consumption
110 VAC: Approx. 4.6 VA (1.5 W)
220 VAC: Approx. 7.6 VA (1.3 W)
24 VDC: Approx. 0.6 W
110 VAC: Approx. 3.6 VA (1.6 W)
220 VAC: Approx. 7.8 VA (1.9 W)
24 VDC: Approx. 0.9 W
Control outputs
Contact:
5 A at 250 VAC, resistance load (cosφ = 1)
Item
H3BA-N
H3BA-N8H
Accuracy of operating time
±0.3% FS max. (±0.3%±10 ms in a range of 1.2 s)
Setting error
±5% FS ±0.05 s max.
Reset time
Min. power-opening time: 0.1 s max.
Min. pulse-input time:
50 ms
Influence of voltage
±0.5% FS max. (±0.5%±10 ms in a range of 1.2 s)
Influence of temperature
±2% FS max. (±2%±10 ms in a range of 1.2 s)
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and exposed non-current-carrying metal
parts
2,000 VAC, 50/60 Hz for 1 min between control output terminals and operating circuit
1,000 VAC, 50/60 Hz for 1 min between contacts not located next to each other (750 VAC for H3BA-N8H)
Impulse withstand voltage
1 kV (between power terminals)
2 kV (between current-carrying terminal and exposed non-current-carrying metal parts,
1.5 kV for 24-VDC models)
Noise immunity
AC models: ±1.5 kV (between power terminals), and ±600 V (between input terminals),
square-wave noise by noise simulator (pulse width: 100 ns/1 μs, 1-ns rise)
DC models: ±480 V (between power terminals), and ±600 V (between input terminals),
square-wave noise by noise simulator (pulse width: 100 ns/1 μs, 1-ns rise)
Static immunity
Malfunction: 4 kV
Destruction: 8 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm single amplitude each in three directions
Malfunction: 10 to 55 Hz with 0.5-mm single amplitude each in three directions
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G) each in three directions
Malfunction: 100 m/s2 (approx. 10G) each in three directions
Ambient temperature
Operating: –10°C to 55°C (with no icing)
Storage:
–25°C to 65°C (with no icing)
Ambient humidity
Operating: 35% to 85%
Life expectancy
Mechanical: 10 million operations min. (under no load
at 1,800 operations/h)
Electrical:
100,000 operations min. (5 A at 250 VAC,
resistive load at 1,800 operations/h)
Mechanical: 10 million operations min. (under no
load at 1,800 operations/h)
Electrical:
100,000 operations min. (5 A at 250
VAC, resistive load at 360 operations/h)
Case color
Light gray (Munsell 5Y7/1)
Enclosure ratings
IEC: IP40 (panel surface)
Weight
Approx. 95 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com