Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC H3BA Datasheet HTML 10Page - Omron Electronics LLC H3BA Datasheet HTML 11Page - Omron Electronics LLC H3BA Datasheet HTML 12Page - Omron Electronics LLC H3BA Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Solid-state Timer
H3BA-N
9
D: Signal OFF-delay
E: Interval
G: Signal ON/OFF-delay
J: One-shot output
Operating mode
Timing chart
Basic operation
Power
Start
Output
t
t - a
t
t - a
t - a
t
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay
1 and 4 (11 and 8)
(NC)
Output relay (NO)
(Output indicator)
1 and 3 (11 and 9)
Power indicator
Power
Start
Output
t
Basic operation
t
t
t
t
t - a
t - a
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay
1 and 4 (11 and 8)
(NC)
Output relay (NO)
(Output indicator)
1 and 3 (11 and 9)
Power indicator
t
t
t
t
Basic operation
Power
Output
Start
(See note)
Note:
Start input is valid and
retriggerable while the Timer
is in operation.
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay
1 and 4 (11 and 8)
(NC)
Output relay (NO)
(Output indicator)
1 and 3 (11 and 9)
Power indicator
t
Basic operation
Output
Power
1
±0.6 s
(Fixed)
1
±0.6 s
(Fixed)
Start
(See note)
1
±0.6 s
(Fixed)
Note:
Start input is valid and
retriggerable while the
Timer is in operation.
(Previous start input will
be cancelled.)
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay
1 and 4 (11 and 8)
(NC)
Output relay (NO)
(Output indicator)
1 and 3 (11 and 9)
Power indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com