Electronic Components Datasheet Search
  English  ▼

X  

H3BA Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H3BA
Description  Solid-state Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3BA Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H3BA Datasheet HTML 4Page - Omron Electronics LLC H3BA Datasheet HTML 5Page - Omron Electronics LLC H3BA Datasheet HTML 6Page - Omron Electronics LLC H3BA Datasheet HTML 7Page - Omron Electronics LLC H3BA Datasheet HTML 8Page - Omron Electronics LLC H3BA Datasheet HTML 9Page - Omron Electronics LLC H3BA Datasheet HTML 10Page - Omron Electronics LLC H3BA Datasheet HTML 11Page - Omron Electronics LLC H3BA Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Solid-state Timer
H3BA-N
■ Timing Chart
Note: 1.
The minimum power-opening time (“Rt”) is 0.1 s and the minimum pulse width is 0.05 s.
2.
The letter “t” in the timing charts stands for the set time and “t–a” means that the period is less than the time set.
H3BA-N
Operating mode
Timing chart
A: ON-delay
B: Flicker OFF start
B2: Flicker ON start
C: Signal ON/OFF-delay
Power
Start
Output
t
Basic operation
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay (NC)
1 and 4 (11 and 8)
Output relay (NO) 1
and 3 (11 and 9)
and output indicator
Power indicator
t
t
Basic operation
Power
Start
Output
t
t
t
t
tt
tt
t - a
t
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay (NC)
1 and 4 (11 and 8)
Output relay (NO)
1 and 3 (11 and 9)
and output indicator
Power indicator
Basic operation
Power
Start
Output
t
t
t
t
t
tt
t
t - a
t
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay
1 and 4 (11 and 8)
(NC)
Output relay (NO)
(Output indicator)
1 and 3 (11 and 9)
Power indicator
Basic operation
Power
Start
Output
t
t
t
t
t
t
t
t
t - a
t - a t - a
Power
2 and 10
Start
2 and 6
Reset
2 and 7
Output relay
1 and 4 (11 and 8)
(NC)
Output relay (NO)
(Output indicator)
1 and 3 (11 and 9)
Power indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com