Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 21
(This specification is subject to change without prior notice)
7.1.22 Bank 1 RC (DT2: PWM2 Duty Cycle)
A specified value keeps the output of PWM2 to remain high until the value matches with
TMR2.
7.1.23 Bank 1 RE (LVD Control and Wake-up Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LVDIE
LVDEN
LVD1
LVD0
-
-
-
EXWE
Bit 7 (LVDIE): Low voltage Detector interrupt enable bit
0 : Disable Low voltage Detector interrupt
1 : Enable Low voltage Detector interrupt
When detect low level voltage is used to enter an interrupt vector or
enter the next instruction, the LVDIE bit must be set
to “Enable”.
Bit 6 (LVDEN): Low Voltage Detector enable bit
0 : Low voltage detector disable
1 : Low voltage detector enable
Bits 5~4 (LVD1:0): Low Voltage Detector level bits.
LVDEN
LVD1, LVD0
LVD Voltage Interrupt Level
/LVD
1
11
Vdd
 2.2V
0
Vdd
 2.2V
1
1
10
Vdd
 3.3V
0
Vdd
 3.3V
1
1
01
Vdd
 4.0V
0
Vdd
 4.0V
1
1
00
Vdd
 4.5V
0
Vdd
 4.5V
1
0
XX
NA
1
Bits 3~1: Not used,
set to “0” at all time.
Bit 0 (EXWE): External /INT wake-up enable bit
0: Disable External /INT pin wake-up
1: Enable External /INT pin wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com