Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 33
(This specification is subject to change without prior notice)
Bit 3 (DEADT2E): Enable dead-time function for PWM2 and /PWM2 (for dual PWM)
0: Disable (default)
1: Enable
Bit 2 (DEADT1E): Enable dead-time function for PWM1 and /PWM1 (for dual PWM)
0: Disable (default)
1: Enable
Bits 1~0 (DEADTP1~DEADTP0): Dead-time prescaler
DEADTP1
DEADTP0
Prescale
0
0
1:1 (default)
0
1
1:2
1
0
1:4
1
1
1:8
NOTE
The dead time function is only for dual PWM. If used in single PWM function
(not dual PWM), the dead time function is always disabled.
7.2.17 IOCA1 (DeadTR: Dead Time Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DEADTR7
DEADTR6
DEADTR5
DEADTR4
DEADTR3
DEADTR2
DEADTR1
DEADTR0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bits 7~0 (DEADTR7~0): The content of the register is dead-time.
Note
The value in the dead-time register must be less than the value in the duty
cycle register in order to prevent unexpected behavior on both of PWM
outputs.
7.2.18 IOCF1 (Pull-high Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/PH67
/PH66
/PH65
/PH64
/PH63
/PH62
/PH61
/PH60
Note: The IOCD0 register is both readable and writable.
Bit 7 (/PH67): Control bit used to enable pull-high of the P67 pin.
0 : Enable internal pull-high
1 : Disable internal pull-high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com