Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 91 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 91 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 94Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 95Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 83
(This specification is subject to change without prior notice)
7.13.2 Code Option Register (Word 1)
Word 1
Bit
Bit 12 Bit 11 Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnem
onic
C5
C4
C3
C2
C1
C0
RCM1 RCM0 OSC3 OSC2 OSC1 OSC0
RCOU
T
1
High
High
High
High
High
High
High
High
High
High
High
High
Syste
m_clk
0
Low
Low
Low
Low
Low
Low
Low
Low
Low
Low
Low
Low
Open_
drain
Bits 12~7 (C5~C0): Calibrator of internal RC mode
C5~C0 must be set to
“1” only (auto-calibration).
Bits 6~5 (RCM1, RCM0): RC mode selection bits
RCM 1
RCM 0
Frequency (MHz)
1
1
4 (Default)
1
0
16
0
1
8
0
0
1
Bits 4 ~ 1 (OSC3 ~ OSC0): Oscillator Modes Selection bits
Oscillator Modes
OSC3
OSC2
OSC1
OSC0
ERC
1
(External RC oscillator mode);
P55/ADC6/OSCO/ERCin acts as ERCin
P70/ADC5/OSCI/RCOUT acts as P70
0
0
0
0
ERC
1
(External RC oscillator mode);
P55/ADC6/OSCO/ERCin acts as ERCin
P70/ADC5/OSCI/RCOUT acts as RCOUT
0
0
0
1
IRC
2
(Internal RC oscillator mode);
P55/ADC6/OSCO/ERCin acts as P55
P70/ADC5/OSCI/RCOUT acts as P70
(default)
0
0
1
0
IRC
2
(Internal RC oscillator mode);
P55/ADC6/OSCO/ERCin acts as P55
P70/ADC5/OSCI/RCOUT acts as RCOUT
0
0
1
1
LXT1
3
(Frequency range of XT, mode is 100kHz~1 MHz)
0
1
0
0
HXT1
3
(Frequency range of XT mode is 12MHz~20 MHz)
0
1
0
1
LXT2
3
(Frequency range of XT mode is 32.768kHz)
0
1
1
0
HXT2
3
(Frequency range of XT mode is 6 MHz~12 MHz)
0
1
1
1
XT
3
(Frequency range of XT mode is 1 MHz~6 MHz)
1
1
1
1
Bit 0 (RCOUT): Instruction clock output enable bit in IRC or ERC mode.
0 : RCOUT pin output instruction clock with open drain.
1 : RCOUT pin output instruction clock(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com