Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
EM78P372K
8-bit Microcontroller
40
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
Case [c] If the Comparator output status change is used to wake-up the EM78P372K
and the CMPWE bit of the RE register is enabled before SLEP, WDT must be
disabled by software. Hence, the EM78P372K can be awakened only with
Case 4. Wake-up time is dependent on the oscillator mode. In RC mode,
Wake-up time is 10
s (for stable oscillators). In HXT2 (4MHz) mode,
Wake-up time is 800
s (for stable oscillators), and in LXT2 mode, Wake-up
time is 2s ~ 3s.
Case [d] If completed AD conversion is used to wake-up the EM78P372K and ADWE
bit of RE register is enabled before SLEP, WDT must be disabled by
software. Hence, the EM78P372K can be awakened only with Case 5. The
wake-up time is 15 TAD (ADC clock period).
Case[e] If Low voltage detector is used to wake-up the EM78P372K and the LVDWE
bit of Bank 0-RE register is enabled before SLEP, WDT must be disabled by
software. Hence, the EM78P372K can be awakened only with Case 6.
Wake-up time is dependent on oscillator mode.
If Port 5, P70, P71 Input Status Change Interrupt is used to wake up the EM78P372K
(as in Case [b] above), the following instructions must be executed before
SLEP:
BC
R3, 6
; Select Segment 0
MOV
A, @00xx1110b
; Select WDT prescaler and Disable WDT
IOW
IOCE0
WDTC
; Clear WDT and prescaler
MOV
R5, R5
; Read Port 5
MOV
R7, R7
; Read Port 7
ENI (or DISI)
; Enable (or disable) global interrupt
MOV
A, @xxxxxx1xb
; Enable Port 5,7 input change wake-up bit
MOV
RE
MOV
A, @1xxxxx1xb
; Enable Port 5,7 input change interrupt
IOW
IOCF0
SLEP
; Sleep
Similarly, if the Comparator Interrupt is used to wake up the EM78P372K (as in Case [c]
above), the following instructions must be executed before SLEP:
BC
R3, 6
; Select Segment 0
MOV
A, @xxx10XXXb
; Select a comparator and P64 functions as
; CO pin
IOW
IOC80
MOV
A, @00x11110b
; Select WDT prescaler and Disable WDT,
; and enable comparator output status
; change interrupt
IOW
IOCE0
WDTC
; Clear WDT and prescaler
ENI (or DISI)
; Enable (or disable) global interrupt
MOV
A, @xxx0x1xxb
; Enable comparator output status change
; wake-up bit
MOV
RE
SLEP
; Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com