Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
EM78P372K
8-bit Microcontroller
24
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
NOTE
■ Crystal MOD1 for LXT1, XT, HXT2, HXT1:
Sleep
 Normal = Oscillator Stable Time + 510 clock (main frequency).
Sleep
 Green = Oscillator Stable Time + 8 clock (sub frequency).
Green
 Normal = Oscillator Stable Time + 510 clock (main frequency)
NOTE
■ Crystal MOD2 for LXT2 :
Sleep
 Normal = Oscillator Stable Time + 254 clock (main frequency).
Sleep
 Green = Oscillator Stable Time + 8 clock (sub frequency).
Green
 Normal = Oscillator Stable Time + 254 clock (main frequency)
■ IRC MOD :
Sleep
 Normal = Oscillator Stable Time + 8 or 32 clock (main frequency).
Sleep
 Green = Oscillator Stable Time + 8 clock (sub frequency).
Green
 Normal = Oscillator Stable Time + 8 clock (main frequency)
Bits 3~2: Not used,
set to “0” at all time.
Bits 1~0 (RCM1~RCM0): IRC mode selection bits
RCM 1
RCM 0
*Frequency (MHz)
1
1
4
1
0
16
0
1
8
0
0
1
NOTE
■ Word 2 <11> COBS0=0 :
Bank 1 RF<1~0> of the initialized values will be kept the same as Word 1<6~5>.
Bank 1 RF<1~0> cannot change
■ Word 2<11> COBS0=1 :
Bank 1 RF<1~0> of the initialized values will be kept the same as Word 1<6~5>.
Bank 1 RF<1~0> can change, When user wants to work on other IRC frequency.
Stable Time is 8 clocks
7.1.25
R10~R1F
All of these are 8-bit general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com