Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 97 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 97 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 94Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 95Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 96Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 97Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 98Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 99Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 100Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 101Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 89
(This specification is subject to change without prior notice)
7.15
Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one
or more operands. Normally, all instructions are executed within one single instruction
cycle (one instruction consists of two oscillator time periods), unless the program
counter is changed by instructions "MOV R2,A," "ADD R2,A," or by instructions of
arithmetic or logic operation on R2 (e.g., "SUB R2,A," "BS(C) R2,6," "CLR R2," etc.).
In addition, the instruction set has the following features:
1. Every bit of any register can be set, cleared, or tested directly.
2. The I/O registers can be regarded as general registers. That is, the same
instruction can operate on I/O registers.
The following symbols are used in the Instruction Set table:
Convention:
R = Register designator that specifies which one of the registers (including operation and general
purpose registers) is to be utilized by the instruction.
Bits 6 and 7 in R4 determine the selected register bank.
b = Bit field designator that selects the value for the bit located in the register R and which affects
the operation.
k = 8 or 10-bit constant or literal value
Mnemonic
Operation
Status Affected
NOP
No Operation
None
DAA
Decimal Adjust A
C
CONTW
A
 CONT
None
SLEP
0
 WDT, Stop oscillator
T, P
WDTC
0
 WDT
T, P
IOW R
A
 IOCR
None
1
ENI
Enable Interrupt
None
DISI
Disable Interrupt
None
RET
[Top of Stack]
 PC
None
RETI
[Top of Stack]
 PC, Enable Interrupt
None
CONTR
CONT
 A
None
IOR R
IOCR
 A
None
1
MOV R,A
A
 R
None
CLRA
0
 A
Z
CLR R
0
 R
Z
SUB A,R
R-A
 A
Z, C, DC
SUB R,A
R-A
 R
Z, C, DC
DECA R
R-1
 A
Z
DEC R
R-1
 R
Z
OR A,R
A
 VR  A
Z
OR R,A
A
 VR  R
Z
AND A,R
A & R
 A
Z
AND R,A
A & R
 R
Z
XOR A,R
A
 R  A
Z
XOR R,A
A
 R  R
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com