Electronic Components Datasheet Search
  English  ▼

X  

EM78P372KSS20 Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
EM78P372K
8-bit Microcontroller
32
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.2.15 IOC81 (HDCR2: High Driver Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HD67
HD66
HD65
HD64
HD63
HD62
HD61
HD60
Bit 7 (HD67): Output High Driver Current Select for P67
Bit 6 (HD66): Output High Driver Current Select for P66
Bit 5 (HD65): Output High Driver Current Select for P65
Bit 4 (HD64): Output High Driver Current Select for P64
Bit 3 (HD63): Output High Driver Current Select for P63
Bit 2 (HD62): Output High Driver Current Select for P62
Bit 1 (HD61): Output High Driver Current Select for P61
Bit 0 (HD60): Output High Driver Current Select for P60
HDxx
VDD = 5V, Driver Current
0
3.7 mA (in 0.9VDD)
1
10 mA (in 0.9VDD)
7.2.16 IOC91 (DeadTCR: Dead Time Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IPWM2A
IPWM1A
PWM2A
PWM1A
DEADT2E
DEADT1E
DEADTP1
DEADTP0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 7 (IPWM2A): Active level of inverse PWM2
0: Period-duty-dead time is Logic 1 (default)
1: Period-duty-dead time is Logic 0
Bit 6 (IPWM1A): Active level of inverse PWM1
0: Period-duty-dead time is Logic 1 (default)
1: Period-duty-dead time is Logic 0
Bit 5 (PWM2A): Active level of PWM2
0: Duty-dead time is Logic 1 (default)
1: Duty-dead time is Logic 0
Bit 4 (PWM1A): Active level of PWM1
0: Duty-dead time is Logic 1 (default)
1: Duty-dead time is Logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com