Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 25Page - Texas Instruments TLV9352IDDFR Datasheet HTML 26Page - Texas Instruments TLV9352IDDFR Datasheet HTML 27Page - Texas Instruments TLV9352IDDFR Datasheet HTML 28Page - Texas Instruments TLV9352IDDFR Datasheet HTML 29Page - Texas Instruments TLV9352IDDFR Datasheet HTML 30Page - Texas Instruments TLV9352IDDFR Datasheet HTML 31Page - Texas Instruments TLV9352IDDFR Datasheet HTML 32Page - Texas Instruments TLV9352IDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
8.2.1.2 Detailed Design Procedure
This noninverting comparator circuit applies the input voltage (VIN) to the noninverting terminal of the op amp.
Two resistors (R1 and R2) divide the supply voltage (V+) to create a mid-supply threshold voltage (VTH) as
calculated in Equation 1. The circuit is shown in Figure 8-1. When VIN is less then VTH, the output voltage
transitions to the negative supply and equals the low-level output voltage. When VIN is greater than VTH, the
output voltage transitions to the positive supply and equals the high-level output voltage.
In this example, resistor 1 and 2 have been selected to be 100 kΩ, which sets the reference threshold at 20 V.
However, resistor 1 and 2 can be adjusted to modify the threshold using Equation 1. Resistor 1 and 2's values
have also been selected to reduce power consumption, but these values can be further increased to reduce
power consumption, or reduced to improve noise performance.
2
1
2
TH
R
V
V
R
R
u
(1)
8.2.1.3 Application Curve
Time (ms)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-5
0
5
10
15
20
25
30
35
40
45
comp
Input
Output
Figure 8-2. Comparator Output Response to Input Voltage
www.ti.com
TLV9352
SBOS994B – NOVEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLV9352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com