Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 10Page - Texas Instruments TLV9352IDDFR Datasheet HTML 11Page - Texas Instruments TLV9352IDDFR Datasheet HTML 12Page - Texas Instruments TLV9352IDDFR Datasheet HTML 13Page - Texas Instruments TLV9352IDDFR Datasheet HTML 14Page - Texas Instruments TLV9352IDDFR Datasheet HTML 15Page - Texas Instruments TLV9352IDDFR Datasheet HTML 16Page - Texas Instruments TLV9352IDDFR Datasheet HTML 17Page - Texas Instruments TLV9352IDDFR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
85
90
95
100
105
110
115
120
125
130
135
D015
PMOS (VCM
V+
1.5 V)
NMOS (VCM
V+
1.5 V)
f = 0 Hz
Figure 6-17. CMRR vs Temperature (dB)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
140
145
150
155
160
165
170
D016
f = 0 Hz
Figure 6-18. PSRR vs Temperature (dB)
Time (1s/div)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
C019
Figure 6-19. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
1
10
100
200
1
10
100
1k
10k
100k
C017
Figure 6-20. Input Voltage Noise Spectral Density
vs Frequency
Frequency (Hz)
-112
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
100
1k
10k
C012
RL = 10 k
RL = 2 k
RL = 604
RL = 128
BW = 80 kHz, VOUT = 1 VRMS
Figure 6-21. THD+N Ratio vs Frequency
Amplitude (Vrms)
0.001
0.01
0.1
1
10 20
20
-112
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
C023
RL = 128
RL = 604
RL = 2 k
RL = 10 k
BW = 80 kHz, f = 1 kHz
Figure 6-22. THD+N vs Output Amplitude
TLV9352
SBOS994B – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV9352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com