Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 16Page - Texas Instruments TLV9352IDDFR Datasheet HTML 17Page - Texas Instruments TLV9352IDDFR Datasheet HTML 18Page - Texas Instruments TLV9352IDDFR Datasheet HTML 19Page - Texas Instruments TLV9352IDDFR Datasheet HTML 20Page - Texas Instruments TLV9352IDDFR Datasheet HTML 21Page - Texas Instruments TLV9352IDDFR Datasheet HTML 22Page - Texas Instruments TLV9352IDDFR Datasheet HTML 23Page - Texas Instruments TLV9352IDDFR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
7.3 Feature Description
7.3.1 Input Protection Circuitry
The TLV935x uses a patented input architecture to eliminate the requirement for input protection diodes but still
provides robust input protection under transient conditions. Figure 7-1 shows conventional input diode protection
schemes that are activated by fast transient step responses and introduce signal distortion and settling time
delays because of alternate current paths, as shown in Figure 7-2. For low-gain circuits, these fast-ramping input
signals forward-bias back-to-back diodes, causing an increase in input current and resulting in extended settling
time.
TLV935x
40 V
~0.7 V
VOUT
V+
V
Conventional Input Protection
Limits Differential Input Range
OPAx990 Provides Full 40-V
Differential Input Range
VIN+
VIN
VOUT
V+
V
VIN+
VIN
Figure 7-1. TLV935x Input Protection Does Not Limit Differential Input Capability
Input Low-Pass Filter
Ron_mux
CS
CS
CD
Sn
Sn+1
D
Simplified Mux Model
RFILT
RFILT
CFILT
CFILT
Vn = 10 V
Vn+1 = ±10 V
10 V
±10 V
Buffer Amplifier
1
2
Idiode_transient
10 V
~±9.3 V
1
VIN+
VIN±
~0.7 V
VOUT
2
±10 V
Ron_mux
Figure 7-2. Back-to-Back Diodes Create Settling Issues
The TLV935x family of operational amplifiers provides a true high-impedance differential input capability for high-
voltage applications. This patented input protection architecture does not introduce additional signal distortion or
delayed settling time, making the device an optimal op amp for multichannel, high-switched, input applications.
The TLV935x tolerates a maximum differential swing (voltage between inverting and noninverting pins of the op
amp) of up to 40 V, making the device suitable for use as a comparator or in applications with fast-ramping input
signals.
TLV9352
SBOS994B – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV9352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com