Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 12Page - Texas Instruments TLV9352IDDFR Datasheet HTML 13Page - Texas Instruments TLV9352IDDFR Datasheet HTML 14Page - Texas Instruments TLV9352IDDFR Datasheet HTML 15Page - Texas Instruments TLV9352IDDFR Datasheet HTML 16Page - Texas Instruments TLV9352IDDFR Datasheet HTML 17Page - Texas Instruments TLV9352IDDFR Datasheet HTML 18Page - Texas Instruments TLV9352IDDFR Datasheet HTML 19Page - Texas Instruments TLV9352IDDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Cap Load (pF)
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
10
20
30
40
50
60
C009
Figure 6-29. Phase Margin vs Capacitive Load
Time (20us/div)
C016
Input
Output
VIN = ±20 V; VS = VOUT = ±17 V
Figure 6-30. No Phase Reversal
Time (100ns/div)
C018
Input
Output
G = –10
Figure 6-31. Positive Overload Recovery
Time (100ns/div)
C018
Input
Output
G = –10
Figure 6-32. Negative Overload Recovery
Time (300ns/div)
C010
Input
Output
CL = 20 pF, G = 1, 20-mV step response
Figure 6-33. Small-Signal Step Response, Rising
Time (1µs/div)
C011
Input
Output
CL = 20 pF, G = 1, 20-mV step response
Figure 6-34. Small-Signal Step Response, Falling
TLV9352
SBOS994B – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV9352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com