Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 5Page - Texas Instruments TLV9352IDDFR Datasheet HTML 6Page - Texas Instruments TLV9352IDDFR Datasheet HTML 7Page - Texas Instruments TLV9352IDDFR Datasheet HTML 8Page - Texas Instruments TLV9352IDDFR Datasheet HTML 9Page - Texas Instruments TLV9352IDDFR Datasheet HTML 10Page - Texas Instruments TLV9352IDDFR Datasheet HTML 11Page - Texas Instruments TLV9352IDDFR Datasheet HTML 12Page - Texas Instruments TLV9352IDDFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
For VS = (V+) – (V–) = 4.5 V to 40 V (±2.25 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS /
2, and VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
3.5
MHz
SR
Slew rate
VS = 40 V, G = +1, CL = 20 pF
20
V/μs
tS
Settling time
To 0.01%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
5
μs
To 0.01%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
4
To 0.1%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
4
To 0.1%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
3
Phase margin
G = +1, RL = 10 kΩ
60
°
Overload recovery time
VIN × gain > VS
600
ns
THD+N
Total harmonic distortion
+ noise
VS = 40 V, VO = 1 VRMS, G = 1, f = 1 kHz
0.001%
OUTPUT
Voltage output swing from
rail
Positive and negative rail headroom
VS = 40 V, RL = no load(1)
5
10
mV
VS = 40 V, RL = 10 kΩ
50
55
VS = 40 V, RL = 2 kΩ
200
250
VS = 4.5 V, RL = no load(1)
1
VS = 4.5 V, RL = 10 kΩ
20
30
VS = 4.5 V, RL = 2 kΩ
40
75
ISC
Short-circuit current
±60
mA
CLOAD
Capacitive load drive
300
pF
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
400
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VCM = V–, IO = 0 A
650
800
µA
TA = –40°C to 125°C
850
(1)
Specified by characterization only.
www.ti.com
TLV9352
SBOS994B – NOVEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV9352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com