Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 28 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 28 Page - Micronas

Back Button MAS3504D Datasheet HTML 24Page - Micronas MAS3504D Datasheet HTML 25Page - Micronas MAS3504D Datasheet HTML 26Page - Micronas MAS3504D Datasheet HTML 27Page - Micronas MAS3504D Datasheet HTML 28Page - Micronas MAS3504D Datasheet HTML 29Page - Micronas MAS3504D Datasheet HTML 30Page - Micronas MAS3504D Datasheet HTML 31Page - Micronas MAS3504D Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MAS 3504D
28
Micronas
4.2.4. Electrical Characteristics
4.2.4.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
Symbol
Parameter
Pin
Name
Min.
Max.
Unit
TA
Ambient operating temperature
- operating conditions
- extended temperature range1)
0
−30
85
85
°C
TC
Case operating temperature
- LFBGA49
- PMQFP44
0
0
95
95
°C
TS
Storage temperature
−40
125
°C
PMAX
Power dissipation
for all packages
VDD,
XVDD,
AVDD
400
mW
VSUP
Supply voltage
VDD,
XVDD,
AVDD
5.5
V
VIdig
Input voltage, all digital inputs
−0.3
VSUP +0.3
V
IIdig
Input current, all digital inputs
−20
+20
mA
VII2C
Input Voltage, I2C-Pins
I2CC
I2CD
−0.3
5.5
V
IOut
Current, all digital outputs
0.5
A
IOutDC
Current
DCSO
1.5
A
1) The functionality of the device in the “extended temperature range” was checked by electrical characterization
on sample base. Data sheet parameters are valid for “operating conditions” only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com