Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 6 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 6 Page - Micronas

Back Button MAS3504D Datasheet HTML 2Page - Micronas MAS3504D Datasheet HTML 3Page - Micronas MAS3504D Datasheet HTML 4Page - Micronas MAS3504D Datasheet HTML 5Page - Micronas MAS3504D Datasheet HTML 6Page - Micronas MAS3504D Datasheet HTML 7Page - Micronas MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas MAS3504D Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MAS 3504D
6
Micronas
2. Functional Description
2.1. DSP Core
The hardware of the MAS 3504D consists of a high
performance Digital Signal Processor and appropriate
interfaces. The processor works with a memory word
length of 20 bits and an extended range of 32 bits in its
accumulators. The instruction set of the DSP is highly
optimized for audio data compression and decompres-
sion. Thus, only very small areas of internal RAM and
ROM are required. All data input and output actions
are based on a ‘non cycle stealing’ background DMA
that does not cause any computational overhead.
2.2. Firmware (Internal Program ROM)
The firmware fully contains a G.729 voice decoder.
With an additional support routine the IC is extended to
a G.729 Annex A encoder.
The G.729 standard compresses 8 kHz/16 bit mono
voice data in frames of 80 samples to 10 bytes each,
what results in a compressed bitstream of 1 bit/sam-
ple. The encoding according to Annex A has reduced
complexity, but is fully compatible to the initial G.729
standard. Therefore the MAS 3504D can decode bit-
streams that were encoded by other G.729 encoders
and it can encode bitstreams that can be decoded with
other G.729 decoders.
2.2.1. G.729 Encoder
For encoding operation the MAS 3504D has to be pre-
pared by downloading an additional routine to support
the encoder. After starting the encoder, 80 audio sam-
ples are continuously read via the serial input inter-
face. Each audio block of 80 samples is encoded to a
G.729 data frame consisting of 10 bytes which is sent
via the parallel interface. It is possible to monitor the
input audio samples also directly via the serial output
interface.
2.2.2. G.729 Decoder
The MAS 3504D expects a sequence of valid G.729
frames (10 bytes each) as input. The compressed data
is sent via the parallel interface. Each frame is
decoded to 80 audio samples, modified by the volume/
mute control and sent out via the serial output inter-
face.
2.3. Program Download Feature
The overall function of the MAS 3504D can be altered
by downloading up to 1 kWord program code into the
internal RAM and by executing this code instead of the
ROM code. During this time, G.729 processing is not
possible.
The code must be downloaded by the ‘write to mem-
ory’ command (see Section 3.3. on page 14) into an
area of internal RAM. A ‘run’ command starts the oper-
ation.
Micronas provides modules for encoding and decoding
audio data with ADPCM.
Detailed information about downloading is provided in
combination with the MAS 3504D software develop-
ment package from Micronas.
2.4. Clock Management
The MAS 3504D should be driven by a single clock at
a frequency of 18.432 MHz.
The CLKI signal acts as a reference for the embedded
clock synthesizer that generates the internal system
clock.
2.5. Power Supply Concept
The MAS 3504D offers an embedded controlled DC/
DC converter and voltage monitoring circuits for bat-
tery based power supply concepts. It works as an up-
converter. The application circuit for the DC/DC con-
verter is shown in Fig. 2–1.
2.5.1. Internal Voltage Monitor
An internal voltage monitor compares the input voltage
at the VSENS pin with an internal reference value that
is adjustable via I2C bus. The PUP output pin becomes
inactive when the voltage at the VSENS pin drops
below the programmed value of the reference voltage.
It is important that the WSEN must not be activated
before the PUP is generated. The PUP signal thresh-
olds are listed in Table 3–8 on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com