Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 30 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 30 Page - Micronas

Back Button MAS3504D Datasheet HTML 26Page - Micronas MAS3504D Datasheet HTML 27Page - Micronas MAS3504D Datasheet HTML 28Page - Micronas MAS3504D Datasheet HTML 29Page - Micronas MAS3504D Datasheet HTML 30Page - Micronas MAS3504D Datasheet HTML 31Page - Micronas MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas MAS3504D Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
MAS 3504D
30
Micronas
4.2.4.3. Characteristics
Typ. values at TA =27 °C, VSUP = 3.3 V, CLKF = 18.432 MHz, duty cycle = 50%
DC-DC converter external circuitry
C1
Blocking Capacitor
(25 m
Ω ESR)3)
VSENS,
DCSG
330
µF
VF
Schottky Diode Forward voltage4)
DCSO,
VSENS
0.35
0.45
V
L
Inductance of Ferrite ring core coil5)
(50 m
Ω),VAC 616/103
DCSO
20
µH
3) Sanyo Oscon 6SA330M
(distributed by Endrich Bauelemente, D-72202 Nagold-lselshausen, www.endrich.com)
4) ZETEX ZMCS1000
(distributed by ZETEX, D-81673 München, europe.sales@zetex.com), standard Schottky 1N5817
5) C8 R/4L, SDS0604 (distributed by Endrich Bauelemente, s.a.), VAC 616/103
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Test Conditions
Supply Voltage
ISUP
Current Consumption
VDD,
XVDD,
AVDD
46
mA
3.3 V, G.729 encoding
25
mA
3.3 V, G.729 decoding
15
mA
3.3 V, waiting mode
Digital Outputs and Inputs
VDOL
Output Low Voltage
PI<I>1),
SOI,
SOC,
SOD,
EOD,
RTR,
RTW,
WRDY,
PUP,
CLKO
0.3
V
@ ILOAD =6 mA
VDOH
Output High Voltage
VSUP-
0.3
V@ ILOAD =6 mA
CDIGL
Input Capacitance
PI<I>,
SII,
SIC,
SID,
PR,
PCS,
CLKI
7pF
IDLeak
Digital Input Leakage
Current
−11
µA0 V < V
pin <VSUP
1) i = 0 to 4, 8 , 12 to 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com