Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 7 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 7 Page - Micronas

Back Button MAS3504D Datasheet HTML 3Page - Micronas MAS3504D Datasheet HTML 4Page - Micronas MAS3504D Datasheet HTML 5Page - Micronas MAS3504D Datasheet HTML 6Page - Micronas MAS3504D Datasheet HTML 7Page - Micronas MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas MAS3504D Datasheet HTML 10Page - Micronas MAS3504D Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MAS 3504D
Micronas
7
2.5.2. DC/DC Converter
The DC/DC converter of the MAS 3504D is used to
generate a fixed power supply voltage even if the chip
is powered by battery cells in portable applications.
The DC/DC converter is designed for the application of
1 or 2 batteries or NiCd cells. The DC/DC converter is
switched on by activating the DCEN pin. Its output
power is sufficient for other ICs as well.
A 22
µH inductor is required for the application. The
important specification item is the inductor saturation
current rating, which should be greater than 2.5 times
the DC load current. The DC resistance of the inductor
is important for efficiency. The primary criterion for
selecting the output filter capacitor is low equivalent
series resistance (ESR), as the product of the inductor
current variation and the ESR determines the high-fre-
quency amplitude seen on the output voltage. The
Schottky diode should have a low voltage drop VD for
a high overall efficiency of the DC/DC converter. The
current rating of the diode should also be greater than
2.5 times the DC output current. The VSENS pin is
always connected to the output voltage at the low ESR
capacitor.
2.5.3. Stand-by Functions
The digital part of the MAS 3504D and the DC/DC con-
verter are turned on by setting WSEN. If only the DC/
DC converter should work, it can remain active byset-
ting DCEN alone to supply other parts of the applica-
tion even if the audio decoding part of the MAS 3504D
is not being used. The WSEN power-up pin of the digi-
tal part should be handled by the controller.
Please pay attention to the fact, that the I2C interface
is working only if the processor is powered up
(WSEN = 1).
Fig. 2–1: DC/DC converter connections
0...15
32...47
64...94
10
16
−
+
−
+
VSS
AVSS
AVDD
VDD
CLKI
DCSO
DCSG
DCEN
PUP
WSEN
VSENSE
9
47 k
Ω
47 k
Ω
Power-On
Push Button
10 k
Ω
10 nF
DC/DC
converter
voltage
monitor
Start-up
oscillator
µController
22
µH
VIN ≥ 0.9 V
COUT
330
µF
Low ESR
CIN
330
µF
DCCF
8ehex
optional
filter
Start-up
divider
+32
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com