Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 5 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 5 Page - Micronas

  MAS3504D Datasheet HTML 1Page - Micronas MAS3504D Datasheet HTML 2Page - Micronas MAS3504D Datasheet HTML 3Page - Micronas MAS3504D Datasheet HTML 4Page - Micronas MAS3504D Datasheet HTML 5Page - Micronas MAS3504D Datasheet HTML 6Page - Micronas MAS3504D Datasheet HTML 7Page - Micronas MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MAS 3504D
Micronas
5
1.2. Application Overview
The MAS 3504D can be applied in two major environ-
ments: as standalone decoder or as encoder/decoder
combination. For decoding only mode, the DAC 3550A
fits perfectly to the requirements of the MAS 3504D. It
is a high-quality multi sample rate DAC (8 kHz..
50 kHz) with internal crystal oscillator, which is only
needed for generating the decoder Clock, and inte-
grated stereo headphone amplifier plus two stereo
inputs.
1.2.1. Decoder Mode
In a memory-based voice playback environment, the
decoding is started with a command from a controller.
Then the MAS 3504D continuously requests frames of
G.729 data every 10 ms via the parallel (PIO) inter-
face.
A delayed response of the host to the request signal
(max.
20 milliseconds)
will
be
tolerated
by
the
MAS 3504D as long as the input buffer does not run
empty. A PC might use its DMA capabilities to transfer
the data in the background to the MAS 3504D without
interfering with its foreground processes.
The source of the bit stream may be a memory (e.g.
ROM, Flash) or PC peripherals, such as CD-ROM
drive, a hard disk or a floppy disk drive.
1.2.2. Encoder Mode
For encoding a support routine must be downloaded to
the MAS 3504D via I2C. After the encoder is started, it
begins to encode the incoming audio data and writes
the coded datastream to the parallel (PIO) interface.
A delayed response of the host to the data available
signal (max. 20 milliseconds) will be tolerated by the
MAS 3504D as long as the output buffer does not
overrun.
Fig. 1–2: Block diagram of a MAS 3504D, decoding a stored bit stream in a decoding only application
Fig. 1–3: Block diagram of a MAS 3504D in an encoding/decoding application
ROM, CD-ROM,
RAM, Flash Mem. ..
Host
(PC, Controller)
I2S
line out
I2C
demand signal
demand clock
G.729 bit stream
CLKI
CLKOUT
18.432 MHz
MAS 3504D
DAC
3550A
ROM, CD-ROM,
RAM, Flash Mem. ..
Host
(PC, Controller)
clock
line in
I2C
CLKI
G.729 bit stream
Mic in
Handshake signals
line out
strobe
data out
data in
I2S lines
MAS 3504D
PLL
AD/DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com