Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 29 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 29 Page - Micronas

Back Button MAS3504D Datasheet HTML 25Page - Micronas MAS3504D Datasheet HTML 26Page - Micronas MAS3504D Datasheet HTML 27Page - Micronas MAS3504D Datasheet HTML 28Page - Micronas MAS3504D Datasheet HTML 29Page - Micronas MAS3504D Datasheet HTML 30Page - Micronas MAS3504D Datasheet HTML 31Page - Micronas MAS3504D Datasheet HTML 32Page - Micronas MAS3504D Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
MAS 3504D
Micronas
29
4.2.4.2. Recommended Operating Conditions
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
TA
Ambient operating temperature
- operating conditions
- extended temperature range1)
0
−30
85
85
°C
°C
VSUP
Supply voltage for G.729 decoder
operation and download software
VDD,
XVDD,
AVDD
2.5
3.0
3.6
V
Supply voltage for G.729 encoder
operation
3.0
3.3
3.6
V
Reference Frequency Generation
CLKF
Clock Frequency
CLKI
18.432
MHz
CLKI_V
Clock Input Voltage
0
VSUP
V
CLKAmp
Clock Amplitude
0.5
Vpp
Levels
IIL27
Input Low Voltage
@VSUP = 2.5 V ... 3.6 V
POR
I2CC,
I2CD,
DCEN,
WSEN
0.4
V
IIH36
Input High Voltage
@VSUP = 2.5 V ... 3.6 V
1.8
V
IIH33
Input High Voltage
@VSUP = 2.5 V ... 3.3 V
1.7
V
IIH30
Input High Voltage
@VSUP = 2.5 V ... 3.0 V
1.6
V
IILD
Input Low Voltage
PI<I>2),
SII, SIC,
SID, PR,
PCS, TE,
0.4
V
IIHD
Input High Voltage
VSUP− 0.5
V
Trf
Rise / Fall time of digital inputs
PI<I>, SII,
SIC, SID,
PR, PCS,
CLKI
10
ns
Dcycle
Duty cycle of clock inputs
SIC, CLKI
40
50
60
%
1) The functionality of the device in the “extended temperature range” was checked by electrical characterization
on a sample base. Data sheet parameters are valid for “operating conditions” only.
2) i = 0 to 4, 8 , 12 to 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com