Electronic Components Datasheet Search
  English  ▼

X  

MAS3504D Datasheet(PDF) 2 Page - Micronas

Part # MAS3504D
Description  G.729 Annex A Voice Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3504D Datasheet(HTML) 2 Page - Micronas

  MAS3504D Datasheet HTML 1Page - Micronas MAS3504D Datasheet HTML 2Page - Micronas MAS3504D Datasheet HTML 3Page - Micronas MAS3504D Datasheet HTML 4Page - Micronas MAS3504D Datasheet HTML 5Page - Micronas MAS3504D Datasheet HTML 6Page - Micronas MAS3504D Datasheet HTML 7Page - Micronas MAS3504D Datasheet HTML 8Page - Micronas MAS3504D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MAS 3504D
2
Micronas
Contents
Page
Section
Title
4
1.
Introduction
4
1.1.
Features
5
1.2.
Application Overview
5
1.2.1.
Decoder Mode
5
1.2.2.
Encoder Mode
6
2.
Functional Description of the MAS 3504D
6
2.1.
DSP Core
6
2.2.
Firmware (Internal Program ROM)
6
2.2.1.
G.729 Encoder
6
2.2.2.
G.729 Decoder
6
2.3.
Program Download Feature
6
2.4.
Clock Management
6
2.5.
Power Supply Concept
6
2.5.1.
Internal Voltage Monitor
7
2.5.2.
DC/DC Converter
7
2.5.3.
Stand-by Functions
8
2.5.4.
Start-up Sequence
8
2.6.
Interfaces
8
2.6.1.
Parallel Input Output Interface (PIO)
8
2.6.2.
Parallel Data Output
9
2.6.3.
Parallel Data Input
9
2.6.3.1.
DMA Handshake Protocol
10
2.6.3.2.
End of DMA Transfer
10
2.6.4.
Audio Input Interface (SDI)
10
2.6.5.
Audio Output Interface (SDO)
11
2.6.5.1.
Example 1:16 Bits/Sample (I2S Compatible Data Format)
11
2.6.5.2.
Example 2:32 Bit/Sample (Inverted SOI)
12
3.
Control Interfaces
12
3.1.
I2C Bus Interface
12
3.1.1.
Device address and Subaddresses
13
3.2.
Command Structure
13
3.2.1.
Conventions for the Command Description
14
3.3.
Detailed MAS 3504D Command Syntax
14
3.3.1.
Run
14
3.3.2.
Write Register
14
3.3.3.
Write D0 Memory
14
3.3.4.
Write D1 Memory
15
3.3.5.
Read Register
15
3.3.6.
Read D0 Memory
15
3.3.7.
Read D1 Memory
16
3.4.
Version Number
16
3.5.
Register Table
16
3.5.1.
DC/DC Converter (Reg. 8Ehex)
16
3.5.2.
User Control (Reg. FDhex)
17
3.5.2.1.
Data Transmission Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com