Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 4 Page - Analog Devices

  LT3756 Datasheet HTML 1Page - Analog Devices LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3756/LT3756-1/LT3756-2
4
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise
noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operating Voltage
VIN Tied to INTVCC
l
6
V
VIN Shutdown IQ
SHDN/UVLO = 0V, PWM = 0V
SHDN/UVLO = 1.15V, PWM = 0V
0.1
1
5
µA
µA
VIN Operating IQ (Not Switching)
PWM = 0V
1.4
1.7
mA
VREF Voltage
100µA ≤ IVREF ≤ 0µA (E, I, H-Grades)
80µA ≤ IVREF ≤ 0µA (J-Grade only)
l
l
1.965
1.965
2.00
2.00
2.045
2.045
V
V
VREF Line Regulation
6V ≤ VIN ≤ 100V
0.006
%/V
SENSE Current Limit Threshold
l
98
108
118
mV
SENSE Input Bias Current
Current Out of Pin
40
µA
SS Pull-Up Current
Current Out of Pin
8
10
13
µA
Error Amplifier
ISP/ISN Full-Scale Current Sense Threshold
FB = 0V, ISP = 48V
J-Grade
l
l
96
95.5
100
100
103
103
mV
mV
ISP/ISN Current Sense Threshold at CTRL = 0V
CTRL = 0V, FB = 0V, ISP = 48V
–12
–9.5
–7
mV
CTRL Pin Range for Current Sense Threshold Adjustment
l
0
1.1
V
CTRL Input Bias Current
Current Out of Pin
50
100
nA
LED Current Sense Amplifier Input Common Mode Range (VISN)
l
2.9
100
V
ISP/ISN Short-Circuit Threshold
ISN = 0V
115
150
200
mV
ISP/ISN Short-Circuit Fault Sensing Common Mode Range (VISN)
l
0
3
V
ISP/ISN Input Bias Current (Combined)
PWM = 5V (Active), ISP = ISN = 48V
PWM = 0V (Standby), ISP = ISN = 48V
55
0
0.1
µA
µA
LED Current Sense Amplifier gm
V(ISP – ISN) = 100mV
120
µS
VC Output Impedance
1V < VC < 2V
15000
kΩ
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
FB Regulation Voltage (VFB)
ISP = ISN
J-Grade
l
l
1.220
1.232
1.215
1.250
1.250
1.250
1.270
1.265
1.275
V
V
V
FB Amplifier gm
FB = VFB, ISP = ISN
480
µS
FB Pin Input Bias Current
Current Out of Pin
40
100
nA
FB Open LED Threshold
OPENLED Falling
(LT3756 and LT3756-2)
VFB –
65mV
VFB –
50mV
VFB –
40mV
V
FB Overvoltage Threshold
PWMOUT Falling
VFB +
50mV
VFB +
60mV
VFB +
75mV
V
VC Current Mode Gain – (∆VVC/∆VSENSE)
4
V/V
Oscillator
Switching Frequency
RT = 100k
RT = 10k
l
90
925
100
1000
125
1050
kHz
kHz
Minimum Off-Time
170
ns
Linear Regulator
INTVCC Regulation Voltage
7
7.15
7.3
V
Dropout (VIN – INTVCC)
IINTVCC = –10mA, VIN = 7V
1
V
INTVCC Undervoltage Lockout
3.9
4.1
4.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com