Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices LT3756 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3756/LT3756-1/LT3756-2
7
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Voltage vs VIN
INTVCC Current Limit
vs Temperature
INTVCC Voltage vs Temperature
Quiescent Current vs VIN
SENSE Current Limit Threshold
vs Temperature
SHDN/UVLO Threshold
vs Temperature
TA = 25°C, unless otherwise noted.
375612 G11
TEMPERATURE (°C)
90
100
110
95
105
–50
0
50
75
–25
25
100
150
125
375612 G12
TEMPERATURE (°C)
1.18
1.22
1.28
1.20
1.24
1.26
SHDN/UVLO RISING
SHDN/UVLO FALLING
–50
0
50
75
–25
25
100
150
125
Gate Rise/Fall Time
vs Capacitance
SENSE Current Limit Threshold
vs Duty Cycle
V(ISP-ISN) Threshold vs FB Voltage
VIN (V)
0
1.0
2.0
0.5
1.5
375612 G10
0
20
40
80
60
100
PWM = 0V
VIN (V)
375612 G13
0
4
8
2
6
0
20
40
80
60
100
375612 G14
TEMPERATURE (°C)
10
14
20
12
16
18
–50
0
50
75
–25
25
100
150
125
375612 G15
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
7.0
7.2
7.4
7.1
7.3
DUTY CYCLE (%)
90
100
110
95
105
375612 G16
0
25
50
75
100
FB VOLTAGE (V)
375612 G17
1.2
1.22
1.24
1.26
1.28
0
50
125
25
75
100
VCTRL = 2V
CAPACITANCE (nF)
375612 G18
0
2
4
6
10
8
0
40
100
20
60
80
GATE RISE
TIME
GATE
FALL TIME
10% TO 90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com