Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices LT3756 Datasheet HTML 11Page - Analog Devices LT3756 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3756/LT3756-1/LT3756-2
8
Rev. C
For more information www.analog.com
PIN FUNCTIONS
PWMOUT (Pin 1/Pin 11): Buffered Version of PWM Signal
for Driving LED Load Disconnect NMOS or Level Shift.
This pin also serves in a protection function for the FB
overvoltagecondition—willtoggleiftheFBinputisgreater
than the FB regulation voltage (VFB) plus 60mV (typical).
The PWMOUT pin is driven from INTVCC. Use of a FET with
gate cut-off voltage higher than 1V is recommended.
FB (Pin 2/Pin 12): Voltage Loop Feedback Pin. FB is
intendedforconstant-voltageregulationorforLEDprotec-
tion/open LED detection. The internal transconductance
amplifierwithoutputVCwillregulateFBto1.25V(nominal)
through the DC/DC converter. If the FB input is regulating
the loop, the OPENLED pull-down is asserted. This ac-
tion may signal an open LED fault. If FB is driven above
the FB threshold (by an external power supply spike, for
example),theOPENLEDpull-downwillbede-assertedand
the PWMOUT pin will be driven low to protect the LEDs
from an overcurrent event. Do not leave the FB pin open.
If not used, connect to GND.
ISN (Pin 3/Pin 13): Connection Point for the Negative
Terminal of the Current Feedback Resistor. If ISN is greater
than 2.9V, the LED current can be programmed by ILED =
100mV/RLEDwhenVCTRL>1.2VorILED=(VCTRL–100mV)/
(10 • RLED) when VCTRL ≤ 1V. Input bias current is typi-
cally 25µA. Below 3V, ISN is an input to the short-circuit
protection feature that forces GATE to 0V if ISP exceeds
ISN by more than 150mV (typ).
ISP (Pin 4/Pin 14): Connection Point for the Positive
Terminal of the Current Feedback Resistor. Input bias
current is dependent upon CTRL pin voltage as shown
in the TPC. ISP is an input to the short-circuit protection
feature when ISN is less than 3V.
VC (Pin 5/Pin 15): Transconductance Error Amplifier
Output Pin Used to Stabilize the Voltage Loop with an RC
Network. This pin is high impedance when PWM is low, a
feature that stores the demand current state variable for
thenextPWMhightransition.Connectacapacitorbetween
this pin and GND; a resistor in series with the capacitor is
recommended for fast transient response.
(MSOP/QFN)
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
ISP/ISN Input Bias Current
vs CTRL Voltage
INTVCC Dropout Voltage
vs Current, Temperature
CTRL (V)
375612 G19
0
0.5
1
1.5
2
0
20
40
10
30
ISP
ISN
LDO CURRENT (mA)
375612 G20
0
3
6
9
12
15
–2.5
–1.0
0
–1.5
–2.0
–0.5
–45°C
125°C
VIN = 7V
25°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com