Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 5 Page - Analog Devices

  LT3756 Datasheet HTML 1Page - Analog Devices LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT3756/LT3756-1/LT3756-2
5
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise
noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC Current Limit
14
17
23
mA
INTVCC Current in Shutdown
SHDN/UVLO = 0V, INTVCC = 7V
8
12
µA
Logic Inputs/Outputs
PWM Input High Voltage
l
1.5
V
PWM Input Low Voltage
l
0.4
V
PWM Pin Resistance to GND
45
60
kΩ
PWMOUT Output Low (VOL)
0
50
mV
PWMOUT Output High (VOH)
INTVCC –
0.05
V
SHDN/UVLO Threshold Voltage Falling
E-, I-Grades
H Grade
J-Grade
l
l
l
1.185
1.175
1.159
1.220
1.245
1.245
1.260
V
V
V
SHDN/UVLO Rising Hysteresis
20
mV
SHDN/UVLO Input Low Voltage
IVIN Drops Below 1µA
0.4
V
SHDN/UVLO Pin Bias Current Low
SHDN/UVLO = 1.15V
1.7
2.05
2.5
µA
SHDN/UVLO Pin Bias Current High
SHDN/UVLO = 1.30V
10
100
nA
OPENLED Output Low (VOL)
IOPENLED = 0.5mA
(LT3756 and LT3756-2)
200
mV
SYNC Pin Resistance to GND
LT3756-1 Only
30
kΩ
SYNC Input High
LT3756-1 Only
1.5
V
SYNC Input Low
LT3756-1 Only
0.4
V
Gate Driver
tr GATE Driver Output Rise Time
CL = 3300pF
35
ns
tf GATE Driver Output Fall Time
CL = 3300pF
35
ns
GATE Output Low (VOL)
0.05
V
GATE Output High (VOH)
INTVCC –
0.05
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3756E, LT3756E-1 and LT3756E-2 are guaranteed to meet
performance specifications from 0°C to 125°C junction temperature.
Specifications over the –40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LT3756I, LT3756I-1 and LT3756I-2 are
guaranteed to meet performance specifications over the –40°C to 125°C
operating junction temperature range. The LT3756H-2 and LT3755J-2
are guaranteed to meet performance specifications over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 3: The LT3756 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operating above
the specified maximum operating junction temperature may impair device
reliability.
Note 4: GATE and PWMOUT pins are driven either to GND or INTVCC by
internal switches. Do not connect these pins externally to a power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com