Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices LT3756 Datasheet HTML 11Page - Analog Devices LT3756 Datasheet HTML 12Page - Analog Devices LT3756 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT3756/LT3756-1/LT3756-2
9
Rev. C
For more information www.analog.com
CTRL(Pin6/Pin16):CurrentSenseThresholdAdjustment
Pin. Regulating threshold V(ISP – ISN) is 1/10th VCTRL plus
an offset for 0V < VCTRL < 1V. For VCTRL > 1.2V the current
sensethresholdisconstantatthefull-scalevalueof100mV.
For 1V < VCTRL < 1.2V, the dependence of current sense
threshold upon VCTRL transitions from a linear function
to a constant value, reaching 98% of full-scale value by
VCTRL = 1.1V. Do not leave this pin open.
VREF(Pin7/Pin1):VoltageReferenceOutputPin,Typically
2V.ThispindrivesaresistordividerfortheCTRLpin,either
foranalogdimmingorfortemperaturelimit/compensation
of LED load. Can supply up to 100μA.
PWM (Pin 8/Pin 2): A signal low turns off switcher, idles
oscillator and disconnects VC pin from all internal loads.
PWMOUT pin follows PWM pin. PWM has an internal
pull-down resistor. If not used, connect to INTVCC.
OPENLED (Pin 9/Pin 3, LT3756 and LT3756-2): An open-
collector pull-down on OPENLED asserts if the FB input
is greater than the FB regulation threshold minus 50mV
(typical). To function, the pin requires an external pull-up
current less than 1mA. When the PWM input is low and
the DC/DC converter is idle, the OPENLED condition is
latched to the last valid state when the PWM input was
high. When PWM input goes high again, the OPENLED
pin will be updated. This pin may be used to report an
open LED fault.
SYNC (Pin 9/Pin 3, LT3756-1 Only): The SYNC pin is used
to synchronize the internal oscillator to an external logic
level signal. The RT resistor should be chosen to program
aninternalswitchingfrequency20%slowerthantheSYNC
pulse frequency. Gate turn-on occurs a fixed delay after
the rising edge of SYNC. For best PWM performance, the
PWM rising edge should occur at least 200ns before the
SYNC rising edge. Use a 50% duty cycle waveform to drive
this pin. This pin replaces OPENLED on LT3756-1 option
parts. If not used, tie this pin to GND.
SS (Pin 10/Pin 4): Soft-Start Pin. This pin modulates
oscillator frequency and compensation pin voltage (VC)
clamp.Thesoft-startintervalissetwithanexternalcapaci-
tor. The pin has a 10µA (typical) pull-up current source
to an internal 2.5V rail. The soft-start pin is reset to GND
by an undervoltage condition (detected by SHDN/UVLO
pin) or thermal limit.
RT (Pin 11/Pin 5): Switching Frequency Adjustment Pin.
Set the frequency using a resistor to GND (for resistor
values, see the Typical Performance curve or Table 1).
Do not leave the RT pin open.
SHDN/UVLO (Pin 12/Pin 6): Shutdown and Undervoltage
Detect Pin. An accurate 1.22V falling threshold with ex-
ternally programmable hysteresis detects when power is
OK to enable switching. Rising hysteresis is generated
by the external resistor divider and an accurate internal
2.1µA pull-down current. Above the threshold (but below
6V), SHDN/UVLO input bias current is sub-µA. Below the
falling threshold, a 2.1µA pull-down current is enabled so
the user can define the hysteresis with the external resis-
tor selection. An undervoltage condition resets soft-start.
Tie to 0.4V, or less, to disable the device and reduce VIN
quiescent current below 1µA.
INTVCC (Pin 13/Pin 7): Regulated Supply for Internal
Loads, GATE Driver and PWMOUT Driver. Supplied from
VIN and regulates to 7.15V (typical). INTVCC must be
bypassed with a 4.7µF capacitor placed close to the pin.
Connect INTVCC directly to VIN if VIN is always less than
or equal to 8V.
VIN (Pin 14/Pin 8): Input Supply Pin. Must be locally
bypassed with a 0.22µF (or larger) capacitor placed close
to the IC.
SENSE (Pin 15/Pin 9): The current sense input for the
control loop. Kelvin connect this pin to the positive ter-
minal of the switch current sense resistor, RSENSE, in the
source of the NFET. The negative terminal of the current
sense resistor should be connected to the GND plane
close to the IC.
GATE (Pin 16/Pin 10): N-channel FET Gate Driver Output.
Switches between INTVCC and GND. Driven to GND during
shutdown, fault or idle states.
GND (Pin 17/Pin 17): Ground. This pin also serves as
current sense input for control loop, sensing negative
terminal of current sense resistor. Solder the exposed pad
directly to ground plane.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com