Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices LT3756 Datasheet HTML 20Page - Analog Devices LT3756 Datasheet HTML 21Page - Analog Devices LT3756 Datasheet HTML 22Page - Analog Devices LT3756 Datasheet HTML 23Page - Analog Devices LT3756 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT3756/LT3756-1/LT3756-2
20
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
30W White LED Headlamp Driver with Thermal Derating
V(ISP – ISN) Threshold vs Temperature
for NTC Resistor Divider
VIN
LT3756-2
L1, 22µH
D1
GND
VC
INTVCC
SHDN/UVLO
FB
VREF
ISP
16.9k
100k
INTVCC
R1
1M
CIN
4.7µF
CC
0.001µF
CSS
0.01µF
VIN 8V TO 60V
(100V TRANSIENT)
R2
185k
RC
10k
RT
28.7k
375kHz
M1: VISHAY SILICONIX Si7454DP
D1: DIODES INC PDS5100
L1: COILTRONICS DR127-220
RT1: MURATA NCP18WM104J
M2: VISHAY SILICONIX Si2328DS
CVCC
4.7µF
SEE SUGGESTED LAYOUT, FIGURE 5
100k
NTC
RT1
CTRL
RSENSE
0.018
RLED
0.27
R3
1M
M1
M2
R4
14k
370mA
COUT
4.7µF
30W LED STRING
375612 TA02a
OPENLED
PWM
SS
RT
ISN
GATE
SENSE
PWMOUT
TEMPERATURE (°C)
25
0
40
80
45
65
105
85
120
20
60
100
125
375512 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com