Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT3756/LT3756-1/LT3756-2
6
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
FB Regulation Voltage
vs Temperature
VREF Voltage vs Temperature
VREF Voltage vs VIN
Switching Frequency vs RT
Switching Frequency
vs Temperature
SHDN/UVLO Hysteresis Current
vs Temperature
V(ISP – ISN) Threshold vs VCTRL
V(ISP – ISN) Threshold vs VISP
V(ISP – ISN) Threshold
vs Temperature
TA = 25°C, unless otherwise noted.
RT (k)
375612 G07
10000
1000
100
10
10
100
VCTRL (V)
0
–20
20
60
100
0.5
1
1.5
120
0
40
80
2
375612 G01
ISP VOLTAGE (V)
0
97
99
101
20
40
80
60
103
98
100
102
100
375612 G02
VCTRL = 2V
97
99
101
103
98
100
102
375612 G03
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
VCTRL = 2V
375612 G04
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
1.20
1.22
1.24
1.26
1.28
1.21
1.23
1.25
1.27
375612 G05
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
1.96
1.98
2.00
2.02
2.04
1.97
1.99
2.01
2.03
VIN (V)
0
1.96
1.98
2.00
2.02
20
40
100
60
80
2.04
1.97
1.99
2.01
2.03
375612 G06
375612 G08
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
300
350
400
450
500
RT = 26.7k
375612 G09
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
1.6
2.0
2.4
1.8
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com