Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 1 Page - Analog Devices

  LT3756 Datasheet HTML 1Page - Analog Devices LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3756/LT3756-1/LT3756-2
1
Rev. C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
100VIN, 100VOUT
LED Controller
TheLT®3756,LT3756-1andLT3756-2areDC/DCcontrol-
lers designed to operate as a constant-current source for
driving high current LEDs. They drive a low side external
N-channelpowerMOSFETfromaninternalregulated7.15V
supply. The fixed frequency, current-mode architecture
results in stable operation over a wide range of supply
and output voltages. A ground referenced voltage FB pin
serves as the input for several LED protection features,
and also makes it possible for the converter to operate
as a constant-voltage source. A frequency adjust pin
allows the user to program the frequency from 100kHz
to 1MHz to optimize efficiency, performance or external
component size.
The LT3756/LT3756-1/LT3756-2 sense output current at
the high side of the LED string. High side current sensing
is the most flexible scheme for driving LEDs, allowing
boost, buck mode or buck-boost mode configuration.
The PWM input provides LED dimming ratios of up to
3000:1, and the CTRL input provides additional analog
dimming capability.
94% Efficient 30W White LED Headlamp Driver
n
3000:1 True Color PWM™ Dimming
n
Wide Input Voltage Range: 6V to 100V
n
Output Voltage Up to 100V
n
Constant-Current and Constant-Voltage Regulation
n
100mV High Side Current Sense
n
Drives LEDs in Boost, Buck Mode, Buck-Boost Mode,
SEPIC or Flyback Topology
n
Adjustable Frequency: 100kHz to 1MHz
n
Open LED Protection
n
Programmable Undervoltage Lockout with Hysteresis
n
Improved Open LED Status Pin (LT3756-2)
n
Frequency Synchronization (LT3756-1)
n
PWM Disconnect Switch Driver
n
CTRL Pin Provides Analog Dimming
n
Low Shutdown Current: <1µA
n
Programmable Soft-Start
n
Thermally Enhanced 16-Lead QFN (3mm × 3mm)
and MSOP Packages
n
AEC-Q100 Qualified for Automotive Applications
n
High Power LED Applications
n
Current Limited Constant Voltage Applications
n
Battery Charging
VIN
LT3756-2
22µH
GND
VC
INTVCC
SHDN/UVLO
FB
VREF
ISP
332k
100k
INTVCC
1M
4.7µF
0.001µF
0.01µF
VIN
8V TO 60V
(100V TRANSIENT)
185k
10k
28.7k
375kHz
1%
4.7µF
INTVCC
40.2k
CTRL
0.018
0.27
1M
14k
370mA
4.7µF
30W
LED
STRING
375612 TA01a
OPENLED
PWM
SS
RT
ISN
GATE
SENSE
PWMOUT
Efficiency vs VIN
VIN (V)
0
20
80
84
88
92
96
100
40
60
80
375612 TA01b
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 7199560 and 7321203.


Similar Part No. - LT3756

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756 LINER-LT3756 Datasheet
207Kb / 20P
100VIN, 100VOUT LED Controller
LT3756 LINER-LT3756 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
LT3756 LINER-LT3756 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
logo
Analog Devices
LT3756 AD-LT3756 Datasheet
504Kb / 28P
40VIN, 75VOUT LED Controllers
10/19-REV.E
LT3756 AD-LT3756 Datasheet
2Mb / 30P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
More results

Similar Description - LT3756

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756 LINER-LT3756 Datasheet
207Kb / 20P
100VIN, 100VOUT LED Controller
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
Linear Technology
LT3756 LINER-LT3756_15 Datasheet
317Kb / 24P
100VIN, 100VOUT LED Controller
LT3756-1 LINER-LT3756-1_15 Datasheet
317Kb / 24P
100VIN, 100VOUT LED Controller
LT3756-2 LINER-LT3756-2_15 Datasheet
317Kb / 24P
100VIN, 100VOUT LED Controller
LT8310 LINER-LT8310_15 Datasheet
425Kb / 36P
100VIN Forward Converter Controller
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT8393 AD-LT8393 Datasheet
2Mb / 32P
60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
10/20-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com