Electronic Components Datasheet Search
  English  ▼

X  

TAS2764YBHT Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 28Page - Texas Instruments TAS2764YBHT Datasheet HTML 29Page - Texas Instruments TAS2764YBHT Datasheet HTML 30Page - Texas Instruments TAS2764YBHT Datasheet HTML 31Page - Texas Instruments TAS2764YBHT Datasheet HTML 32Page - Texas Instruments TAS2764YBHT Datasheet HTML 33Page - Texas Instruments TAS2764YBHT Datasheet HTML 34Page - Texas Instruments TAS2764YBHT Datasheet HTML 35Page - Texas Instruments TAS2764YBHT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
Table 8-5. Fault Interrupt Mask (continued)
Interrupt
Live Register
Latch Register
Mask Register
Default (1 = Mask)
PVDD-VBAT1S Below Threshold
IL_PVBT
IR_PVBT
IM_PVBT
0
Internal VBAT1S LDO Over Voltage
Device in shutdown
IR_LDO_OV
IM_LDO_OV
1
Internal VBAT1S LDO Under Voltage
Device in shutdown
IR_LDO_UV
IM_LDO_UV
0
Internal VBAT1S LDO Over Load
Device in shutdown
IR_LDO_OL
IM_LDO_OL
1
8.6.1 Faults and Status over TDM
Faults and device operation information can be sent over the TDM bus when STATUS_TX register bit is set high.
The slot position in TDM bus can be configured using STATUS_SLOT[5:0] register bits.
Table 8-6. TDM Information Bits
TDM_STATUS[7:0] Bit
Bit Information
0 Value
1 Value
0
Power up state
Powered down(1)
Powered up
1
Y-Bridge
PVDD active
VBAT1S active
2
Noise-Gate Status
Normal operation
Noise gate active
3
Limiter Active
No Limiter or ICLA attn applied
Limiter or ICLA attn applied
4
BOP Active
No BOP attn applied
BOP attn applied
5
Over Temperature Error
No Over-temperature
Over-temperature detected(1)
6
Over Current Error
No Over-current
Over-current detected(1)
7
PVDD Status
No PVDD UVLO
PVDD UVLO detected(1)
(1)
Can be read only during the transient shutdown phase. After shutdown the TDM slots are not available.
8.7 Power Sequencing Requirements
There are no power sequencing requirements for order of the supplies other than PVDD and VBAT1S. During
power up and power down PVDD voltage must be greater than (VBAT1S-0.7V).
8.8 Digital Input Pull Downs
Each digital input and IO has an optional weak pull down to prevent the pin from floating. Register bits
DIN_PD[4:0] are used to enable/disable pull downs. The pull downs are not enabled during HW shutdown.
8.9 Register Map
8.9.1 Register Summary Table Page=0x00
Addr
Register
Description
Section
0x00
PAGE
Device Page
Section 8.9.5
0x01
SW_RESET
Software Reset
Section 8.9.6
0x02
MODE_CTRL
Device operational mode
Section 8.9.7
0x03
CHNL_0
Y Bridge and Channel settings
Section 8.9.8
0x04
DC_BLK0
SAR Filter and DC Path Blocker
Section 8.9.9
0x05
DC_BLK1
ERC and Record DC Blocke
Section 8.9.10
0x06
MISC_CFG1
Misc Configuration 1
Section 8.9.11
0x07
MISC_CFG2
Misc Configuration 2
Section 8.9.12
0x08
TDM_CFG0
TDM Configuration 0
Section 8.9.13
0x09
TDM_CFG1
TDM Configuration 1
Section 8.9.14
0x0A
TDM_CFG2
TDM Configuration 2
Section 8.9.15
0x0B
LIM_MAX_ATTN
Limiter
Section 8.9.16
0x0C
TDM_CFG3
TDM Configuration 3
Section 8.9.17
0x0D
TDM_CFG4
TDM Configuration 4
Section 8.9.18
0x0E
TDM_CFG5
TDM Configuration 5
Section 8.9.19
0x0F
TDM_CFG6
TDM Configuration 6
Section 8.9.20
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com