Electronic Components Datasheet Search
  English  ▼

X  

TAS2764YBHT Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 5 Page - Texas Instruments

  TAS2764YBHT Datasheet HTML 1Page - Texas Instruments TAS2764YBHT Datasheet HTML 2Page - Texas Instruments TAS2764YBHT Datasheet HTML 3Page - Texas Instruments TAS2764YBHT Datasheet HTML 4Page - Texas Instruments TAS2764YBHT Datasheet HTML 5Page - Texas Instruments TAS2764YBHT Datasheet HTML 6Page - Texas Instruments TAS2764YBHT Datasheet HTML 7Page - Texas Instruments TAS2764YBHT Datasheet HTML 8Page - Texas Instruments TAS2764YBHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply Voltage
AVDD
–0.3
2
V
IOVDD
–0.3
2
V
PVDD
Continuous
–0.3
18.5
V
Transient for 1s life time
19.75
VBAT1S
–0.3
6
V
PVDD-VBAT1S
Continuous
-0.3
16.5
V
Transient for 1s life time
18
Internal Supply
Voltage
DREG
-0.3
1.5
V
Input voltage(2)
Digital IOs referenced to IOVDD supply
–0.3
2.3
V
Operating free-air temperature, TA ; Device is functional and reliable, some performance characteristics may be
degraded.
–40
85
°C
Performance free-air temperature, TP ; All performance characteristics are met.
–20
70
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Section 6.1 can cause permanent damage to the device. These are stress ratings only, which do
not imply functional operation of the device at these or any other conditions beyond those indicated under Section 6.3 . Exposure to
absolute maximum rated conditions for extended periods can affect device reliability.
(2)
All digital inputs and IOs are failsafe.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
Supply voltage
1.65
1.8
1.95
V
IOVDD
Supply voltage
1.1
1.2
1.3
V
1.65
1.8
1.95
PVDD
Supply voltage (functional)(1)
2.3(2)
16
V
Supply voltage (performance)
3.0
16
VBAT1S
Supply voltage (functional)(1)
2.3
5.5
V
Supply voltage (performance)
3.0
5.5
VIH
High-level digital input voltage
IOVDD
V
VIL
Low-level digital input voltage
0
V
RSPK
Speaker impedance
3.2
Ω
LSPK
Speaker inductance
5
µH
(1)
Device will remain functional but performance will degrade.
(2)
PVDD>VBAT1S-0.7V.
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com