Electronic Components Datasheet Search
  English  ▼

X  

TAS2764YBHT Datasheet(PDF) 89 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 89 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 85Page - Texas Instruments TAS2764YBHT Datasheet HTML 86Page - Texas Instruments TAS2764YBHT Datasheet HTML 87Page - Texas Instruments TAS2764YBHT Datasheet HTML 88Page - Texas Instruments TAS2764YBHT Datasheet HTML 89Page - Texas Instruments TAS2764YBHT Datasheet HTML 90Page - Texas Instruments TAS2764YBHT Datasheet HTML 91Page - Texas Instruments TAS2764YBHT Datasheet HTML 92Page - Texas Instruments TAS2764YBHT Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TAS2764 is a digital input Class-D audio power amplifier with integrated I/V sense. I2S audio data is
supplied by host processor. It also sends I/V data in I2S format. I2C bus is used for configuration and control.
9.2 Typical Application
Figure 9-1. Typical Application - Digital Audio Input
Table 9-1. Recommended External Components
COMPONENT
DESCRIPTION
SPECIFICATION
MIN
TYP
MAX
UNIT
C1
VBAT1S Decoupling Capacitor - VBAT1S
External Supply
Type
X7R
Capacitance, 20% Tolerance
10
µF
Rated Voltage
6
V
VBAT1S Decoupling Capacitor - VBAT1S
Internally Generated
Type
X7R
Capacitance, 20% Tolerance
0.68
1
1.5
µF
Rated Voltage
6
V
C2
VBAT1S Decoupling Capacitor
Type
X7R
Capacitance, 20% Tolerance
100
nF
Rated Voltage
6
V
C3
PVDD Decoupling Capacitor
Type
X7R
Capacitance, 20% Tolerance
10
µF
Rated Voltage
20
V
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com