Electronic Components Datasheet Search
  English  ▼

X  

TAS2764YBHT Datasheet(PDF) 87 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 87 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 83Page - Texas Instruments TAS2764YBHT Datasheet HTML 84Page - Texas Instruments TAS2764YBHT Datasheet HTML 85Page - Texas Instruments TAS2764YBHT Datasheet HTML 86Page - Texas Instruments TAS2764YBHT Datasheet HTML 87Page - Texas Instruments TAS2764YBHT Datasheet HTML 88Page - Texas Instruments TAS2764YBHT Datasheet HTML 89Page - Texas Instruments TAS2764YBHT Datasheet HTML 90Page - Texas Instruments TAS2764YBHT Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
Table 8-163. Load Diagnostics Resistance Lower Threshold Field Descriptions
Bit
Field
Type
Reset
Description
7-0
LDG_RES_LT[7:0]
RW
0h
dec2hex {256*round[LDG_RES_LT*0.2678*2^13]}
8.9.162 CLD_EFF_1 (page=0x04 address=0x48) [reset=6Ch]
Class D efficiency for LVS relative threshold expressed as a fraction (EFF). Default is 0.85.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-164. Classd Efficieny Mode Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ClassD Efficiency [31:24]
RW
6Ch
dec2hex[256*round(EFF*2^23)]
8.9.163 CLD_EFF_2 (page=0x04 address=0x49) [reset=CCh]
Class D efficiency for LVS relative threshold expressed as a fraction (EFF). Default is 0.85.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-165. Classd Efficieny Mode Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ClassD Efficiency [23:16]
RW
CCh
dec2hex[256*round(EFF*2^23)]
8.9.164 CLD_EFF_3 (page=0x04 address=0x4A) [reset=CDh]
Class D efficiency for LVS relative threshold expressed as a fraction (EFF). Default is 0.85.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-166. Classd Efficieny Mode Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ClassD Efficiency [15:8]
RW
CDh
dec2hex[256*round(EFF*2^23)]
8.9.165 CLD_EFF_4 (page=0x04 address=0x4B) [reset=00h]
Class D efficiency for LVS relative threshold expressed as a fraction (EFF). Default is 0.85.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-167. Field Descriptions
Bit
Field
Type
Reset
Description
7-0
ClassD Efficiency [7:0]
RW
00h
dec2hex[256*round(EFF*2^23)]
8.9.166 LDG_RES1 (page=0x04 address=0x4C) [reset=00h]
Diagnostic Mode load resistance measured value in Ω. Read value is 0xUUVVXXYY and the las byte to be
dropped.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-168. Low Resistance Value Field Descriptions
Bit
Field
Type
Reset
Description
7-0
LDG_RES_VAL[32:24]
R
0h
3.733*{[hex2dec(0xUUVVXX)]/2^13)
8.9.167 LDG_RES2 (page=0x04 address=0x4D) [reset=00h]
Diagnostic Mode load resistance measured value in Ω. Read value is 0xUUVVXXYY and the las byte to be
dropped.
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com