Electronic Components Datasheet Search
  English  ▼

X  

TAS2764YBHT Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 12Page - Texas Instruments TAS2764YBHT Datasheet HTML 13Page - Texas Instruments TAS2764YBHT Datasheet HTML 14Page - Texas Instruments TAS2764YBHT Datasheet HTML 15Page - Texas Instruments TAS2764YBHT Datasheet HTML 16Page - Texas Instruments TAS2764YBHT Datasheet HTML 17Page - Texas Instruments TAS2764YBHT Datasheet HTML 18Page - Texas Instruments TAS2764YBHT Datasheet HTML 19Page - Texas Instruments TAS2764YBHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
8 Detailed Description
8.1 Overview
The TAS2764 is a mono digital input Class-D amplifier optimized for portable applications where efficient battery
operation and small solution size are crucial. It integrates speaker voltage and current sensing and battery
tracking limiting with brown out prevention. The device operates using a TDM/I2S and I2C interfaces.
Table 8-1. Full Scales
Input/Output Signal
Full Scale Value
Class-D Output
21 dBV
Voltage Monitor
16 V
Current Sense
3.75 A
Voltage Sense
14 Vpk
8.2 Functional Block Diagram
B
Class-D
Loop
Filter
Comparator
16V LDMOS Output
stage
REFERENCE
DAC
10b SAR
ADC
PLL
OSC
PVDD
AVDD
DREG
IOVDD
SDZ
I2C
I2S
OUT_P
OUT_N
VSNS_N
VSNS_P
Temp Sensor
Thermal
Protection
POR
1.5V LDO
Brownout +
Voltage Limiter
BST_P
BST_N
5V LDO
û-
ADC
I-SENSE
V-Sense Amp + PGA
POWER MANAGEMENT
0.9V Reference
+ Bias Currents
COMMON IP
INTERFACE
ESD
OTP
ADDR
DETECT
DIGITAL IO
Analog Controller
Serial Interfaces
DIGITAL
û-
ADC
PGND
POR
BOP VBAT1S Tracker
ADDR
POR
VBAT1S
PVDD_SNS
BOP PVDD Tracker
(PVDD_SNS)
Noise Gate +
Diagnostic
Generator
Audio Engine +
Filters
GND
BYP_EN
8.3 Feature Description
8.3.1 Device Address Selection
The TAS2764 operates using a TDM/I2S interface. Audio input and output are provided via the FSYNC, SBCLK,
SDIN and SDOUT pins using formats including I2S, Left Justified and TDM. Configuration and status are
provided via the SDA and SCL pins using the I2C protocol.
Table 8-2 below illustrates how to configure the device for I2C address . The slave addresses are shown left
shifted by one bit with the R/W bit set to 0 (i.e. {ADDR[6:0],1b0}). Resistors with tolerance better than 5% must
be used for setting the address configuration.
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com