Electronic Components Datasheet Search
  English  ▼

X  

TAS2764YBHT Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 18Page - Texas Instruments TAS2764YBHT Datasheet HTML 19Page - Texas Instruments TAS2764YBHT Datasheet HTML 20Page - Texas Instruments TAS2764YBHT Datasheet HTML 21Page - Texas Instruments TAS2764YBHT Datasheet HTML 22Page - Texas Instruments TAS2764YBHT Datasheet HTML 23Page - Texas Instruments TAS2764YBHT Datasheet HTML 24Page - Texas Instruments TAS2764YBHT Datasheet HTML 25Page - Texas Instruments TAS2764YBHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
When the input was initially above the programmed threshold set by LVS_FTH[4:0] register bits the Class D was
supplied by PVDD rail. If the signal level drops below this threshold for longer than the hysteresis time defined by
LVS_HYS[3:0] bits the Class-D supply will switch to VBAT1S.
The BYP_EN pin will be asserted (open drain released). All values of LVS_HYS[3:0] bit settings will ensure the
remaining samples will be output before BYP_EN is asserted. When multiple devices have BYP_EN pin
connected together, any device requiring a supply voltage higher than the threshold will pull the open drain
output low.
When the signal level crosses above the programmed threshold set by LVS_FTH[4:0] bits the Class-D supply
will switch to PVDD.
The open-drain BYP_EN pin will be de-asserted (actively pulling the output low) after a delay programmed by
the LVS_DLY[1:0] register bits . The Y Bridge will switch from VBAT1S to PVDD after a delay programmed by
the CDS_DLY[1:0] register bits.
LVS threshold is set based on the output signal level and is measured in dBFS.
The LVS threshold can alternately be configured to be a value relative to the VBAT1S voltage. To use the
alternate configuration set the LVS_TMODE bit to high and use the LVS_RTH[3:0] register bits for setting the
threshold.
In the case of threshold relative to VBAT1S the class D will swich to VBAT1S for output signal meeting the
following condition: VOUT<VBAT1S*CD_EFF - LVS_RTH, where CD_EFF is set by registers 48h-4Bh from page
0x04 and LVH_RTH is set by bits [3:0] of register 6Ah from page 0x00.
The LVS fixed thresholds, when CDS_MODE[1:0]=11 (PWR_MODE2 and PWR_MODE5 from Section 12.1),
can be set using register bits LVS_FTH_LOW[1:0]. When CDS_MODE[1:0]=00 (PWR_MODE1 and
PWR_MODE3 from Section 12.1) the thresholds should be set with register bits LVS_FTH[4:0].
8.4.2.6 Y-Bridge
The TAS2764 Class-D output uses a Y-Bridge configuration to improve efficiency during playback. The Section
8.4.2.5 is internally used to select between the PVDD and VBAT1S supplies. This feature is enabled by setting
CDS_MODE[1:0] bits to 2'b00 when both PVDD and VBAT1S are supplied to the device. If not configured to Y-
bridge mode the device will use only the selected supply for class-D output even if clipping would otherwise
occur. The device can operate using only PVDD to supply class-D output. In this configuration the VBAT1S can
be provided from external supply (register bit VBAT1S=0) or generated by an internal LDO (register bit
VBAT1S=1). In this case CDS_MODE[1:0] bits should be set to 2'b10. The TAS2764 Y-Bridge with Low Power
on VBAT1S can be used to switch to the VBAT1S rail only at very low power when close to idle. This will reduce
the class-D output swing when near idle and limit the current requirements of the VBAT1S supply. Set the
CDS_MODE[1:0] register to 2'b11 for this mode.
See Section 12.1 for details on programming the power modes.
The change to the class-D supply determined by the Section 8.4.2.5 can have a delay programed by
CDS_DLY[1:0] register bits.
When in Y-Bridge mode, if the PVDD falls below (VBAT1S+4V) level the Y-bridge will stop switching between
supplies and will remain on the PVDD supply.
8.4.2.7 Noise Gate
The TAS2764 has a noise-gate feature that monitors the input signal and powers down the class-D when the
signal goes below the set threshold set by NG_LVL[1:0] bits for longer than the time set by NG_HYST[1:0]
register bits. When the signal goes above the threshold the class-D will re-power in 7 samples before the
samples applied to the audio input interface reach the class-D bridge. This feature is enabled by setting NG_EN
bit to high. Once enabled it is able to power up and down the channel within the device processing delay
requiring no additional external control. Volume ramping can be also used during noise gate operations by
setting NG_DVR_EN bit to low.
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com