Electronic Components Datasheet Search
  English  ▼

X  

A6986H Datasheet(PDF) 54 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 54 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 50Page - STMicroelectronics A6986H Datasheet HTML 51Page - STMicroelectronics A6986H Datasheet HTML 52Page - STMicroelectronics A6986H Datasheet HTML 53Page - STMicroelectronics A6986H Datasheet HTML 54Page - STMicroelectronics A6986H Datasheet HTML 55Page - STMicroelectronics A6986H Datasheet HTML 56Page - STMicroelectronics A6986H Datasheet HTML 57Page - STMicroelectronics A6986H Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
Reference
Part number
Description
Manufacturer
R7, R8, R9
See Table 19. A6986H 3V3
demonstration board BOM,
Table 20. A6986H 5V
demonstration board BOM,
and Table 21. A6986H adj.
demonstration board BOM
R11
10 Ω - 1% - 0603
R2, R3, R5, R10
Not mounted
L1
XAL5050-103MEC
10 µH
Coilcraft
L2
XAL4030-472MEC
4.7 µH
Coilcraft
L3
MPZ2012S221A
EMC bead
TDK
J1
Open
J2
Closed
Switchover disabled
J3
See Table 19. A6986H 3V3
demonstration board BOM,
Table 20. A6986H 5V
demonstration board BOM,
and Table 21. A6986H adj.
demonstration board BOM
J4
Open
J5
Open
To adjust the ISKIP current
level in LCM operation. Leave
open in LNM
U1
A6986H x-
See Table 19. A6986H 3V3
demonstration board BOM,
Table 20. A6986H 5V
demonstration board BOM,
and Table 21. A6986H adj.
demonstration board BOM
STM
Table 19. A6986H 3V3 demonstration board BOM
Reference
Part number
Description
Manufacturer
R7
0 R - 0603
R9, C7
Not mounted
R8
-
75 kΩ - 1% - 0603
C8
-
330 pF - 10 V - 0603
C4
-
2.2 pF - 10 V - 0603
J3
Open
U1
A6986H 3V3
3.3 V internal divider
STM
A6986H
Application board
DS12861 - Rev 3
page 54/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com