Electronic Components Datasheet Search
  English  ▼

X  

A6986H Datasheet(PDF) 66 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 66 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 62Page - STMicroelectronics A6986H Datasheet HTML 63Page - STMicroelectronics A6986H Datasheet HTML 64Page - STMicroelectronics A6986H Datasheet HTML 65Page - STMicroelectronics A6986H Datasheet HTML 66Page - STMicroelectronics A6986H Datasheet HTML 67Page - STMicroelectronics A6986H Datasheet HTML 68Page - STMicroelectronics A6986H Datasheet HTML 69Page - STMicroelectronics A6986H Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
Contents
1
Application schematic .............................................................2
2
Pin settings........................................................................3
2.1
Pin connection ................................................................. 3
2.2
Pin description ................................................................. 3
2.3
Maximum ratings ............................................................... 5
2.4
Thermal data .................................................................. 6
2.5
ESD protection ................................................................ 6
3
Electrical characteristics...........................................................7
4
Parameters over the temperature range ...........................................12
5
Functional description ............................................................13
5.1
Power supply and voltage reference.............................................. 14
5.2
Voltage monitor ............................................................... 14
5.3
Soft-start and inhibit ........................................................... 14
5.3.1
Ratiometric startup ...................................................... 19
5.3.2
Output voltage sequencing ................................................ 20
5.4
Error amplifier ................................................................ 20
5.5
Output voltage line regulation ................................................... 20
5.6
Output voltage load regulation................................................... 21
5.7
High-side switch resistance vs. input voltage ...................................... 22
5.8
Light-load operation ........................................................... 22
5.8.1
Low noise mode (LNM) ................................................... 22
5.8.2
Low consumption mode (LCM) ............................................. 23
5.8.3
Quiescent current in LCM with switchover..................................... 29
5.9
Switchover feature ............................................................ 31
5.9.1
LCM ................................................................. 31
5.9.2
LNM ................................................................. 31
5.10
Overcurrent protection ......................................................... 31
5.11
OCP and switchover feature .................................................... 33
5.12
Overvoltage protection ......................................................... 35
A6986H
Contents
DS12861 - Rev 3
page 66/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com