Electronic Components Datasheet Search
  English  ▼

X  

A6986H Datasheet(PDF) 17 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 13Page - STMicroelectronics A6986H Datasheet HTML 14Page - STMicroelectronics A6986H Datasheet HTML 15Page - STMicroelectronics A6986H Datasheet HTML 16Page - STMicroelectronics A6986H Datasheet HTML 17Page - STMicroelectronics A6986H Datasheet HTML 18Page - STMicroelectronics A6986H Datasheet HTML 19Page - STMicroelectronics A6986H Datasheet HTML 20Page - STMicroelectronics A6986H Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
The maximum capacitor value has to be limited to guarantee the device can discharge it in case of thermal
shutdown and UVLO events (see Figure 9), so restart the switching activity ramping the error amplifier reference
voltage
CSS<
−1ms
RSS_EQ⋅In(1−VSS_FINAL−0.9V
600μA−RSS_EQ)
(2)
where:
RSS_EQ= RUP⋅RDWN
RUP+RDWN VSS_FINAL=(VSTEP−VDIODE)⋅ RDWN
RUP+RDWN
(3)
The optional diode prevents the device from disabling if the external source drops to ground.
RUP value is selected in order to make the capacitor charge at first approximation independent from the internal
current generator (4 µA typ. current capability, see Table 5. Electrical characteristics TJ = - 40 to 135 °C, VIN = 12
V unless otherwise specified.), so:
VSTEP−VDIODE−VSS END
RUP
≫ISS CHARGE≡4μA
(4)
where
VSS END=VSS START+ VFBSSGAIN
(5)
represents the SS/INH voltage correspondent to the end of the ramp on the error amplifier (see Figure 5. Soft-
start phase); refer to Table 5. Electrical characteristics TJ = - 40 to 135 °C, VIN = 12 V unless otherwise specified.
for VSS START, VFB and SSGAIN parameters.
As a consequence the voltage across the soft-start capacitor can be written as:
VSS (t)=VSS FINAL⋅ 1
1−e− t
CSS⋅RSS_EQ
(6)
RSS_DOWN is selected to guarantee the device stays in inhibit mode when the internal generator sources 1 µA typ.
out of the SS/INH pin and VSTEP is not present:
RDWN⋅ISSINHIBIT≡RDWN⋅1μA≪VINH≡200mV
(7)
so
RDWN<100kΩ
(8)
RUP and RDWN are selected to guarantee:
VSS_FINAL≅2V>VSS_END
(9)
The time to ramp the internal voltage reference can be calculated as follows
TSS=CSS⋅RSS_EQ⋅In(VSS_FINAL−VSS START
VSS_FINAL−VSS END )
(10)
that is the equivalent soft-start time to ramp the output voltage.
Figure 8. External soft-start network VSTEP driven shows the soft-start phase with the following component
selection: RUP = 180 kΩ, RDWN = 33 kΩ, CSS = 200 nF, the 1N4148 is a small signal diode and VSTEP = 13 V.
A6986H
Soft-start and inhibit
DS12861 - Rev 3
page 17/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com