Electronic Components Datasheet Search
  English  ▼

X  

A6986H Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 6Page - STMicroelectronics A6986H Datasheet HTML 7Page - STMicroelectronics A6986H Datasheet HTML 8Page - STMicroelectronics A6986H Datasheet HTML 9Page - STMicroelectronics A6986H Datasheet HTML 10Page - STMicroelectronics A6986H Datasheet HTML 11Page - STMicroelectronics A6986H Datasheet HTML 12Page - STMicroelectronics A6986H Datasheet HTML 13Page - STMicroelectronics A6986H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Table 6. fSW selection TJ = - 40 to 135 °C, VIN= 12 V unless otherwise specified.
Symbol
RVCC (E24 series)
RGND (E24 series)
Tj
fSW min.
fSW typ.
fSW max.
Unit
fSW
0 Ω
NC
(1)
225
250
275
kHz
1.8 Ω
NC
(1)(2)
-
285
-
3.3 kΩ
NC
-
330
-
5.6 kΩ
NC
-
380
-
10 kΩ
NC
-
435
-
NC
0 Ω
(3)
450
500
550
18 kΩ
NC
(1) (3)
-
575
-
33 kΩ
NC
-
660
-
56 kΩ
NC
-
755
-
NC
1.8 kΩ
-
870
-
NC
3.3 kΩ
(3)
900
1000
1100
NC
5.6 kΩ
(2) (3)
-
1150
-
NC
10 kΩ
-
1310
-
NC
18 kΩ
-
1500
-
NC
33 kΩ
(3)
1575
1750
1925
NC
56 kΩ
(3)
1800
2000
2200
1. Synchronization as slave in LNM between 275 kHz and 1400 kHz.
2. Not tested in production
3. Synchronization as slave in LNM between 475 kHz and 2200 kHz
Table 7. LNM/ LCM selection (A6986H3V3) TJ = - 40 to 135 °C, VIN = 12 V unless otherwise specified.
Symbol RVCC(E24 1%) RGND(E24 1%) Operating mode
VRST/VOUT (tgt.
value)
VRST min. VRST typ. VRST max. Unit
VRST
0 Ω
NC
LCM
93%
3.008
3.069
3.130
V
8.2 kΩ
NC
80%
2.587
2.640
2.693
18 kΩ
NC
87%
2.814
2.871
2.928
39 kΩ
NC
96%
3.105
3.168
3.231
NC
0 Ω
LNM
93%
3.008
3.069
3.130
NC
8.2 kΩ
80%
2.587
2.640
2.693
NC
18 kΩ
87%
2.814
2.871
2.928
NC
39 kΩ
96%
3.105
3.168
3.231
A6986H
Electrical characteristics
DS12861 - Rev 3
page 10/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com