Electronic Components Datasheet Search
  English  ▼

X  

A6986H Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 1 Page - STMicroelectronics

  A6986H Datasheet HTML 1Page - STMicroelectronics A6986H Datasheet HTML 2Page - STMicroelectronics A6986H Datasheet HTML 3Page - STMicroelectronics A6986H Datasheet HTML 4Page - STMicroelectronics A6986H Datasheet HTML 5Page - STMicroelectronics A6986H Datasheet HTML 6Page - STMicroelectronics A6986H Datasheet HTML 7Page - STMicroelectronics A6986H Datasheet HTML 8Page - STMicroelectronics A6986H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Features
•
AEC-Q100 qualified
•
2 A DC output current
•
4 V to 38 V operating input voltage
•
Low consumption mode or low noise mode
•
30 µA IQ at light-load (LCM VOUT = 3.3 V)
•
8 µA IQ-SHTDWN
•
Adjustable fSW (250 kHz - 2 MHz)
•
Fixed output voltage (3.3 V and 5 V) or adjustable from 0.85 V to VIN
•
Embedded output voltage supervisor
•
Synchronization
•
Adjustable soft-start time
•
Internal current limiting
•
Overvoltage protection
•
Output voltage sequencing
•
Peak current mode architecture
•
RDS(on) HS = 180 mΩ, RDS(on) LS = 150 mΩ
•
Thermal shutdown
Applications
•
Designed for automotive systems
•
Battery powered applications
•
Car body applications (LCM)
•
Car audio and low noise applications (LNM)
Description
The A6986H automotive grade device is a step-down monolithic switching regulator
able to deliver up to 2 A DC. The output voltage adjustability ranges from 0.85 V to
VIN. The 100% duty cycle capability and the wide input voltage range meet the cold
crank and load dump specifications for automotive systems. The “low consumption
mode” (LCM) is designed for applications active during car parking, so it maximizes
the efficiency at light-load with controlled output voltage ripple. The “low noise mode”
(LNM) makes the switching frequency constant and minimizes the output voltage
ripple overload current range, meeting the low noise application specification like car
audio. The output voltage supervisor manages the reset phase for any digital load
(µC, FPGA). The RST open collector output can also implement output voltage
sequencing during the power-up phase. The synchronous rectification, designed for
high efficiency at medium - heavy load, and the high switching frequency capability
make the size of the application compact. Pulse by pulse current sensing on both
power elements implements an effective constant current protection.
Product status link
A6986H
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
quiescent current
A6986H
Datasheet
DS12861 - Rev 3 - August 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - A6986H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
A6986F3V3 STMICROELECTRONICS-A6986F3V3 Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
A6986F3V3TR STMICROELECTRONICS-A6986F3V3TR Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
A6986F5V STMICROELECTRONICS-A6986F5V Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
More results

Similar Description - A6986H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
16-Aug-2016
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com