Electronic Components Datasheet Search
  English  ▼

X  

A6986H Datasheet(PDF) 8 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 4Page - STMicroelectronics A6986H Datasheet HTML 5Page - STMicroelectronics A6986H Datasheet HTML 6Page - STMicroelectronics A6986H Datasheet HTML 7Page - STMicroelectronics A6986H Datasheet HTML 8Page - STMicroelectronics A6986H Datasheet HTML 9Page - STMicroelectronics A6986H Datasheet HTML 10Page - STMicroelectronics A6986H Datasheet HTML 11Page - STMicroelectronics A6986H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Symbol
Parameter
Test conditions
Note
Min.
Typ.
Max.
Unit
IQ OPVIN
Quiescent current from VIN
LCM -SWO
VREF< VFB< VOVP(SLEEP)
VBIAS = 3.3 V
(3)
4
10
15
µA
LCM -NO SWO
VREF< VFB< VOVP(SLEEP)
VBIAS = GND
(3)
35
70
120
LNM -SWO
VFB= GND (NO SLEEP)
VBIAS = 3.3 V
-
0.5
1.5
5
mA
LNM -NO SWO
VFB= GND (NO SLEEP)
VBIAS = GND
-
2
2.8
6
IQ OPVBIAS
Quiescent current from
VBIAS
LCM -SWO
VREF< VFB< VOVP(SLEEP)
VBIAS = 3.3 V
(3)
25
50
115
µA
LNM -SWO
VFB= GND (NO SLEEP)
VBIAS = 3.3 V
-
0.5
1.2
5
mA
Soft-start
VINH
VSS threshold
SS rising
-
200
460
700
mV
VINH HYST
VSS hysteresis
-
-
-
100
140
ISS CH
CSS charging current
VSS<VINH OR
t<TSS SETUP OR VEA+>VFB
(2)
-
1
-
µA
t>TSS SETUP AND VEA+<VFB
(2)
-
4
-
VSS START
Start of internal error
amplifier ramp
-
-
0.995
1.1
1.150
V
SSGAIN
SS/INH to internal error
amplifier gain
-
-
-
3
-
-
Error amplifier
VOUT
Voltage feedback
3.3 V (A6986H3V3)
-
3.25
3.3
3.35
V
5 V (A6986H5V)
-
4.925
5.0
5.075
A6986H
-
0.841
0.85
0.859
IVOUT
VOUT biasing current
3.3 V (A6986H3V3)
-
4
6
8.5
µA
5 V (A6986H5V)
-
7.5
10
13.5
A6986H
-
-
50
500
nA
AV
Error amplifier gain
-
(2)
-
100
-
dB
ICOMP
EA output current capability
-
-
±6
±12
±25
µA
-
(4)
±4
-
-
A6986H
Electrical characteristics
DS12861 - Rev 3
page 8/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com