Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA229 Datasheet HTML 29Page - Texas Instruments INA229 Datasheet HTML 30Page - Texas Instruments INA229 Datasheet HTML 31Page - Texas Instruments INA229 Datasheet HTML 32Page - Texas Instruments INA229 Datasheet HTML 33Page - Texas Instruments INA229 Datasheet HTML 34Page - Texas Instruments INA229 Datasheet HTML 35Page - Texas Instruments INA229 Datasheet HTML 36Page - Texas Instruments INA229 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Overload conditions are another consideration for the device inputs. The device inputs are specified to tolerate
±40 V differential across the IN+ and IN– pins. A large differential scenario might be a short to ground on the
load side of the shunt. This type of event can result in full power-supply voltage across the shunt (as long the
power supply or energy storage capacitors support it). Removing a short to ground can result in inductive
kickbacks that could exceed the 40-V differential or 85-V common-mode absolute maximum rating of the device.
Inductive kickback voltages are best controlled by Zener-type transient-absorbing devices (commonly called
transzorbs) combined with sufficient energy storage capacitance. See the Transient Robustness for Current
Shunt Monitors reference design which describes a high-side current shunt monitor used to measure the voltage
developed across a current-sensing resistor when current passes through it.
In applications that do not have large energy storage, electrolytic capacitors on one or both sides of the shunt,
an input overstress condition may result from an excessive dV/dt of the voltage applied to the input. A hard
physical short is the most likely cause of this event. This problem occurs because an excessive dV/dt can
activate the ESD protection in the device in systems where large currents are available. Testing demonstrates
that the addition of 10-Ω resistors in series with each input of the device sufficiently protects the inputs against
this dV/dt failure up to the 40-V maximum differential voltage rating of the device. Selecting these resistors in the
range noted has minimal effect on accuracy.
<100
<100
IN+
IN-
VBUS
VS
GND
100 nF
VS = 2.7V± 5.5V
Load
Load
Supply
CFILTER
0.1µF to 1µF
RFILTER
RDIFF
RSHUNT
Figure 8-1. Input Filtering
Do not use values greater than 100 ohms for RFILTER. Doing so will degrade gain error and increase non-
linearity.
8.2 Typical Application
The low offset voltage and low input bias current of the INA229 allow accurate monitoring of a wide range of
currents. To accurately monitor currents with high resolution, select the value of the shunt resistor so that the
resulting sense voltage is close to the maximum allowable differential input voltage range (either ±163.84 mV or
±40.96 mV, depending on register settings). The circuit for monitoring currents in a high-side configuration is
shown in Figure 8-2.
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com