Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA229 Datasheet HTML 24Page - Texas Instruments INA229 Datasheet HTML 25Page - Texas Instruments INA229 Datasheet HTML 26Page - Texas Instruments INA229 Datasheet HTML 27Page - Texas Instruments INA229 Datasheet HTML 28Page - Texas Instruments INA229 Datasheet HTML 29Page - Texas Instruments INA229 Datasheet HTML 30Page - Texas Instruments INA229 Datasheet HTML 31Page - Texas Instruments INA229 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
7.6.1.19 Manufacturer ID (MANUFACTURER_ID) Register (Address = 3Eh) [reset = 5449h]
The MANUFACTURER_ID register is shown in Table 7-23.
Return to the Summary Table.
Table 7-23. MANUFACTURER_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MANFID
R
5449h
Reads back TI in ASCII.
7.6.1.20 Device ID (DEVICE_ID) Register (Address = 3Fh) [reset = 2290h]
The DEVICE_ID register is shown in Table 7-24.
Return to the Summary Table.
Table 7-24. DEVICE_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
DIEID
R
229h
Stores the device identification bits.
3-0
REV_ID
R
1h
Device revision identification.
INA229
SLYS023 – DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com