Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 5 Page - Texas Instruments

  INA229 Datasheet HTML 1Page - Texas Instruments INA229 Datasheet HTML 2Page - Texas Instruments INA229 Datasheet HTML 3Page - Texas Instruments INA229 Datasheet HTML 4Page - Texas Instruments INA229 Datasheet HTML 5Page - Texas Instruments INA229 Datasheet HTML 6Page - Texas Instruments INA229 Datasheet HTML 7Page - Texas Instruments INA229 Datasheet HTML 8Page - Texas Instruments INA229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
6.5 Electrical Characteristics
at TA = 25 °C, VS = 3.3 V, VSENSE = VIN+ – VIN– = 0 V, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
TA = –40 °C to +125 °C
–0.3
85
V
VVBUS
Bus voltage input range
0
85
V
CMRR
Common-mode rejection
–0.3 V < VCM < 85 V, TA = –40 °C to +125 °C
154
170
dB
VDIFF
Shunt voltage input range
TA = –40 °C to +125 °C, ADCRANGE = 0
–163.84
163.84
mV
TA = –40 °C to +125 °C, ADCRANGE = 1
–40.96
40.96
mV
Vos
Shunt offset voltage
VCM = 48 V, TCT > 280 µs
±0.3
±1
µV
VCM = 0 V, TCT > 280 µs
±0.3
±1
µV
dVos/dT Shunt offset voltage drift
TA = –40 °C to +125 °C
2
±10
nV/°C
Vos_bus
VBUS offset voltage
VBUS = 20 mV
±1.0
±2.5
mV
dVos/dT VBUS offset voltage drift
TA = –40 °C to +125 °C
±4.0
±20
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, TA = –40 °C to +125 °C
±0.05
±0.5
µV/V
IB
Input bias current
Either input, IN+ or IN–, VCM = 85 V
0.1
2.5
nA
ZVBUS
VBUS pin input impedance
Active mode
0.8
1
1.2
MΩ
IVBUS
VBUS pin leakage current
Shutdown mode, VBUS = 85 V
10
nA
RDIFF
Input differential impedance
Active mode, VIN+ – VIN– < 164 mV
92
kΩ
DC ACCURACY
GSERR
Shunt voltage gain error
VCM = 24 V
±0.01
±0.05
%
GS_DRFT Shunt voltage gain error drift
±20 ppm/°C
GBERR
VBUS voltage gain error
±0.01
±0.05
%
GB_DRFT VBUS voltage gain error drift
±20 ppm/°C
PTME
Power total measurement error (TME) TA = –40 °C to +125 °C, at full scale
±0.5
%
ETME
Energy and charge TME
at full scale power
±1
%
ADC resolution
20
Bits
1 LSB step size
Shunt voltage, ADCRANGE = 0
312.5
nV
Shunt voltage, ADCRANGE = 1
78.125
nV
Bus voltage
195.3125
µV
Temperature
7.8125
m°C
TCT
ADC conversion-time(1)
50
µs
84
150
280
540
1052
2074
4120
INL
Integral Non-Linearity
±2
m%
DNL
Differential Non-Linearity
0.2
LSB
CLOCK SOURCE
FOSC
Internal oscillator frequency
1
MHz
FOSC_TOL Internal oscillator frequency tolerance
TA = 25 °C
±0.5
%
TA = –40 °C to +125 °C
±1
%
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com