Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA229 Datasheet HTML 21Page - Texas Instruments INA229 Datasheet HTML 22Page - Texas Instruments INA229 Datasheet HTML 23Page - Texas Instruments INA229 Datasheet HTML 24Page - Texas Instruments INA229 Datasheet HTML 25Page - Texas Instruments INA229 Datasheet HTML 26Page - Texas Instruments INA229 Datasheet HTML 27Page - Texas Instruments INA229 Datasheet HTML 28Page - Texas Instruments INA229 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
7.6.1.12 Diagnostic Flags and Alert (DIAG_ALRT) Register (Address = Bh) [reset = 0001h]
The DIAG_ALRT register is shown in Table 7-16.
Return to the Summary Table.
Table 7-16. DIAG_ALRT Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ALATCH
R/W
0h
When the Alert Latch Enable bit is set to Transparent mode, the Alert
pin and Flag bit reset to the idle state when the fault has been
cleared.
When the Alert Latch Enable bit is set to Latch mode, the Alert pin
and Alert Flag bit remain active following a fault until the DIAG_ALRT
Register has been read.
0h = Transparent
1h = Latched
14
CNVR
R/W
0h
Setting this bit high configures the Alert pin to be asserted when the
Conversion Ready Flag (bit 1) is asserted, indicating that a
conversion cycle has completed.
0h = Disable conversion ready flag on ALERT pin
1h = Enables conversion ready flag on ALERT pin
13
SLOWALERT
R/W
0h
ALERT function is asserted on the completed averaged value.
This gives the flexibility to delay the ALERT after the averaged value.
0h = ALERT comparison on non-averaged (ADC) value
1h = ALERT comparison on Averaged value
12
APOL
R/W
0h
Alert Polarity bit sets the Alert pin polarity.
0h = Normal (Active-low, open-drain)
1h = Inverted (active-high, open-drain )
11
ENERGYOF
R
0h
This bit indicates the health of the ENERGY register.
If the 40 bit ENERGY register has overflowed this bit is set to 1.
0h = Normal
1h = Overflow
Clears when the ENERGY register is read.
10
CHARGEOF
R
0h
This bit indicates the health of the CHARGE register.
If the 40 bit CHARGE register has overflowed this bit is set to 1.
0h = Normal
1h = Overflow
Clears when the CHARGE register is read.
9
MATHOF
R
0h
This bit is set to 1 if an arithmetic operation resulted in an overflow
error.
It indicates that current and power data may be invalid.
0h = Normal
1h = Overflow
Must be manually cleared by triggering another conversion or by
clearing the accumulators with the RSTACC bit.
8
RESERVED
R
0h
Reserved. Always read 0.
7
TMPOL
R/W
0h
This bit is set to 1 if the temperature measurement exceeds the
threshold limit in the temperature over-limit register.
0h = Normal
1h = Over Temp Event
When ALATCH =1 this bit is cleared by reading the DIAG_ALERT
register.
6
SHNTOL
R/W
0h
This bit is set to 1 if the shunt voltage measurement exceeds the
threshold limit in the shunt over-limit register.
0h = Normal
1h = Over Shunt Voltage Event
When ALATCH =1 this bit is cleared by reading the register.
5
SHNTUL
R/W
0h
This bit is set to 1 if the shunt voltage measurement falls below the
threshold limit in the shunt under-limit register.
0h = Normal
1h = Under Shunt Voltage Event
When ALATCH =1 this bit is cleared by reading the register.
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com