Electronic Components Datasheet Search
  English  ▼

X  

INA229 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA229 Datasheet HTML 22Page - Texas Instruments INA229 Datasheet HTML 23Page - Texas Instruments INA229 Datasheet HTML 24Page - Texas Instruments INA229 Datasheet HTML 25Page - Texas Instruments INA229 Datasheet HTML 26Page - Texas Instruments INA229 Datasheet HTML 27Page - Texas Instruments INA229 Datasheet HTML 28Page - Texas Instruments INA229 Datasheet HTML 29Page - Texas Instruments INA229 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Table 7-16. DIAG_ALRT Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
BUSOL
R/W
0h
This bit is set to 1 if the bus voltage measurement exceeds the
threshold limit in the bus over-limit register.
0h = Normal
1h = Bus Over-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
3
BUSUL
R/W
0h
This bit is set to 1 if the bus voltage measurement falls below the
threshold limit in the bus under-limit register.
0h = Normal
1h = Bus Under-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
2
POL
R/W
0h
This bit is set to 1 if the power measurement exceeds the threshold
limit in the power limit register.
0h = Normal
1h = Power Over-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
1
CNVRF
R/W
0h
This bit is set to 1 if the conversion is completed.
0h = Normal
1h = Conversion is complete
When ALATCH =1 this bit is cleared by reading the register or
starting a new triggered conversion.
0
MEMSTAT
R/W
1h
This bit is set to 0 if a checksum error is detected in the device trim
memory space.
0h = Memory Checksum Error
1h = Normal Operation
7.6.1.13 Shunt Overvoltage Threshold (SOVL) Register (Address = Ch) [reset = 7FFFh]
If negative values are entered in this register, then a shunt voltage measurement of 0 V will trip this alarm. When
using negative values for the shunt under and overvoltage thresholds be aware that the over voltage threshold
must be set to the larger (that is, less negative) of the two values. The SOVL register is shown in Table 7-17.
Return to the Summary Table.
Table 7-17. SOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Shunt
Overvoltage (overcurrent protection). Two's complement value.
Conversion Factor: 5 µV/LSB when ADCRANGE = 0
1.25 µV/LSB when ADCRANGE = 1.
7.6.1.14 Shunt Undervoltage Threshold (SUVL) Register (Address = Dh) [reset = 8000h]
The SUVL register is shown in Table 7-18.
Return to the Summary Table.
Table 7-18. SUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SUVL
R/W
8000h
Sets the threshold for comparison of the value to detect Shunt
Undervoltage (undercurrent protection). Two's complement value.
Conversion Factor: 5 µV/LSB when ADCRANGE = 0
1.25 µV/LSB when ADCRANGE = 1.
INA229
SLYS023 – DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com